Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCHQ613G-AG6-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UCHQ613G-AG6-R
Description  CMOS IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCHQ613G-AG6-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UCHQ613G-AG6-R Datasheet HTML 1Page - Unisonic Technologies UCHQ613G-AG6-R Datasheet HTML 2Page - Unisonic Technologies UCHQ613G-AG6-R Datasheet HTML 3Page - Unisonic Technologies UCHQ613G-AG6-R Datasheet HTML 4Page - Unisonic Technologies UCHQ613G-AG6-R Datasheet HTML 5Page - Unisonic Technologies UCHQ613G-AG6-R Datasheet HTML 6Page - Unisonic Technologies UCHQ613G-AG6-R Datasheet HTML 7Page - Unisonic Technologies UCHQ613G-AG6-R Datasheet HTML 8Page - Unisonic Technologies UCHQ613G-AG6-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UCHQ613
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 9
Copyright © 2016 Unisonic Technologies Co., Ltd
QW-R121-030.a
USB DEDICATED CHARGING
PORT CONTROLLER
DESCRIPTION
The UTC UCHQ613 are USB dedicated charging port (DCP)
controllers. An auto-detect feature monitors USB data line voltage,
and automatically provides the correct electrical signatures on the
data lines to charge compliant devices among the following dedicated
charging schemes:
1. Divider 1 DCP,required to apply 2V and 2.7V on the D+ and D–
Lines respectively.
2. Divider 2 DCP,required to apply 2.7V and 2V on the D+ and D–
Lines respectively.
3. BC 1.2 DCP,required to short the D+ Line to the D– Line.
4. Chinese Telecom Standard YD/T 1591-2009 Shorted Mode,
required to short the D+ Line to the D– Line.
5. 1.2V on both D+ and D– Lines
FEATURES
* Supports USB DCP Shorting D+ Line to D– Line per USB Battery
Charging Specification, Revision 1.2 (BC1.2)
* Supports Shorted Mode (Shorting D+ Line to D-Line) per Chinese
Telecommunication Industry Standard YD/T 1591-2009
* Supports USB DCP Applying 2.7V on D+ Line And 2V on D-line (or
USB DCP Applying 2V on D+ Line and 2.7V on D– Line)
* Supports USB DCP Applying 1.2V on D+ and D– Lines
* Automatically Switch D+ and D- Lines Connections for an Attached
Device
* Dual USB Port Controller, UCHQ613
* Operating Range: 4.5V to 5.5V
ORDERING INFORMATION
Ordering Number
Package
Packing
UCHQ613G-AG6-R
SOT-26
Tape Reel


Similar Part No. - UCHQ613G-AG6-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UCHQ200G-S08-R UTC-UCHQ200G-S08-R Datasheet
201Kb / 6P
CMOS IC
More results

Similar Description - UCHQ613G-AG6-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3510 UTC-3510 Datasheet
106Kb / 9P
CMOS IC
3511 UTC-3511 Datasheet
55Kb / 7P
CMOS IC
3521 UTC-3521 Datasheet
45Kb / 4P
CMOS IC
6610 UTC-6610 Datasheet
148Kb / 15P
CMOS IC
L5201 UTC-L5201_15 Datasheet
169Kb / 7P
CMOS IC
UCSR3602SL-D07A-T UTC-UCSR3602SL-D07A-T Datasheet
258Kb / 9P
CMOS IC
UPSL104AG-AG6-R UTC-UPSL104AG-AG6-R Datasheet
184Kb / 6P
CMOS IC
US5C3305G-SM1-R UTC-US5C3305G-SM1-R Datasheet
225Kb / 5P
CMOS IC
US206HG-10-AF5-R UTC-US206HG-10-AF5-R Datasheet
153Kb / 4P
CMOS IC
UU97950G-P48-R UTC-UU97950G-P48-R Datasheet
297Kb / 14P
CMOS IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com