Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL261A Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HCPL261A
Description  遙쁂MR ?곲쳵?잞펷10MBd竊?鵝롥뀯?쎼깢?⒲깉?ャ깤?
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL261A Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HCPL261A Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL261A Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL261A Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL261A Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL261A Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL261A Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL261A Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL261A Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL261A Datasheet HTML 12Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
6 − 134
HCPL-261A/061A/061N/063A/063N/261N/263A/263N
OUTPUT V
MONITORING
NODE
O
1.5 V
tPHL
tPLH
IF
INPUT
O
V
OUTPUT
I
= 3.5 mA
F
I
= 1.75 mA
F
+5 V
7
5
6
8
2
3
4
1
PULSE GEN.
Z = 50
Ω
t = t = 5 ns
O
f
IF
L
R
RM
CC
V
0.1µF
BYPASS
*CL
*C
IS APPROXIMATELY 15 pF WHICH INCLUDES
PROBE AND STRAY WIRING CAPACITANCE.
L
GND
INPUT
MONITORING
NODE
r
HCPL-261A/261N
90%
90%
10%
10%
trise
tfall
VOH
VOL
図9. 伝達遅延時間測定回路
-60
0
TA – TEMPERATURE – °C
100
1.5
2.0
-20
0.5
20
60
-40
0
40
80
1.0
VCC = 5 V
VO = 0.6 V
RL = 350 Ω
RL = 1 kΩ
RL = 4 kΩ
0
0
IF – PULSE INPUT CURRENT – mA
12
100
120
2
40
68
410
60
80
20
TPLH
RL = 4 kΩ
VCC = 5.0 V
TA = 25 °C
TPLH
RL = 1 kΩ
TPHL
RL = 350
Ω, 1 kΩ, 4 kΩ
TPLH
RL = 350 Ω
-60
0
TA – TEMPERATURE – °C
100
100
120
-20
40
20
60
-40
0
40
80
60
80
20
TPLH
RL = 4 k
TPLH
RL = 1 k
TPLH
RL = 350 k
TPHL
RL = 350 Ω, 1 kΩ, 4 kΩ
VCC = 5.0 V
IF = 3.5 mA
図12.パルス入力電流―伝達遅延時間
-60
0
TA – TEMPERATURE – °C
100
50
60
-20
20
20
60
-40
0
40
80
30
40
10
RL = 1 kΩ
RL = 350 Ω
VCC = 5.0 V
IF = 3.5 mA
RL = 4 kΩ
-60
0
TA – TEMPERATURE – °C
100
140
160
-20
40
20
60
-40
0
40
80
60
120
20
VCC = 5.0 V
IF = 3.5 mA
RL = 4 kΩ
RL = 1 kΩ
RL = 350 Ω, 1 kΩ, 4 kΩ
trise
tfall
RL = 350 Ω
図10.温度―入力スレッショルド電流特性
図11.温度―伝達遅延時間特性
図14.温度―立上がり/立下がり時間特性
図13.温度―パルス幅歪
6章118-160(PDF用)
01.5.24, 4:26 PM
Page 134
Adobe PageMaker 6.0J/PPC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com