Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UU9792G-P48-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UU9792G-P48-R
Description  CMOS IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UU9792G-P48-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UU9792G-P48-R Datasheet HTML 1Page - Unisonic Technologies UU9792G-P48-R Datasheet HTML 2Page - Unisonic Technologies UU9792G-P48-R Datasheet HTML 3Page - Unisonic Technologies UU9792G-P48-R Datasheet HTML 4Page - Unisonic Technologies UU9792G-P48-R Datasheet HTML 5Page - Unisonic Technologies UU9792G-P48-R Datasheet HTML 6Page - Unisonic Technologies UU9792G-P48-R Datasheet HTML 7Page - Unisonic Technologies UU9792G-P48-R Datasheet HTML 8Page - Unisonic Technologies UU9792G-P48-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
UU9792
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 15
www.unisonic.com.tw
QW-R125-047.a
PIN CONFIGURATION
Terminal description
Terminal No
Terminal
DESCRIPTION
1 ~ 5
SEG31-SEG35
18 ~ 48
SEG0-SEG30
SEGMENT output for LCD driving
6 ~ 9
COM0~COM3
COMMON output for LCD driving
10
VLCD
Power supply for LCD driving
11
VDD
Power supply
12
VSS
GND
13
TEST1
TEST input
Must be connected to VSS
14
OSCIO
External clock input.
External clock and internal clock can be selected by command.
Must be connected to VSS when internal oscillation circuit is used
15
SCL
Serial data transfer clock
16
SDA
Serial data input
17
TEST2
POR enable set
H: POR disable(Use Soft ware Reset)
L: POR enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com