Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UU9792G-P48-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UU9792G-P48-R
Description  CMOS IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UU9792G-P48-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UU9792G-P48-R Datasheet HTML 1Page - Unisonic Technologies UU9792G-P48-R Datasheet HTML 2Page - Unisonic Technologies UU9792G-P48-R Datasheet HTML 3Page - Unisonic Technologies UU9792G-P48-R Datasheet HTML 4Page - Unisonic Technologies UU9792G-P48-R Datasheet HTML 5Page - Unisonic Technologies UU9792G-P48-R Datasheet HTML 6Page - Unisonic Technologies UU9792G-P48-R Datasheet HTML 7Page - Unisonic Technologies UU9792G-P48-R Datasheet HTML 8Page - Unisonic Technologies UU9792G-P48-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UU9792
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 15
Copyright © 2016 Unisonic Technologies Co., Ltd
QW-R125-047.a
LCD SEGMENT DRIVERS
STANDARD SEGMENT DRIVER
DESCRIPTION
The UTC UU9792 is a LCD Segment Driver:36 Segment output,
8 Common output
Features
* LCD driving port:8 Common output,36 Segment output
* 2wire serial interface (SCL, SDA)
* Integrated RAM for display data (DDRAM): 36×4bit
* Integrated Oscillation circuit
* Integrated Power supply circuit for LCD driving: 1/2 Bias , 1/3
Bias, 1/4 Duty
* Low power consumption design
* Operation power supply :2.5~5.5V
ORDERING INFORMATION
Ordering Number
Package
Packing
UU9792G-P48-R
TSSOP-48
Tape Reel
■
MARKING


Similar Part No. - UU9792G-P48-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UU97950G-P48-R UTC-UU97950G-P48-R Datasheet
297Kb / 14P
CMOS IC
More results

Similar Description - UU9792G-P48-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3510 UTC-3510 Datasheet
106Kb / 9P
CMOS IC
3511 UTC-3511 Datasheet
55Kb / 7P
CMOS IC
3521 UTC-3521 Datasheet
45Kb / 4P
CMOS IC
6610 UTC-6610 Datasheet
148Kb / 15P
CMOS IC
L5201 UTC-L5201_15 Datasheet
169Kb / 7P
CMOS IC
UCSR3602SL-D07A-T UTC-UCSR3602SL-D07A-T Datasheet
258Kb / 9P
CMOS IC
UPSL104AG-AG6-R UTC-UPSL104AG-AG6-R Datasheet
184Kb / 6P
CMOS IC
US5C3305G-SM1-R UTC-US5C3305G-SM1-R Datasheet
225Kb / 5P
CMOS IC
US206HG-10-AF5-R UTC-US206HG-10-AF5-R Datasheet
153Kb / 4P
CMOS IC
UU97950G-P48-R UTC-UU97950G-P48-R Datasheet
297Kb / 14P
CMOS IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com