Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UU9792G-P48-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # UU9792G-P48-R
Description  CMOS IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UU9792G-P48-R Datasheet(HTML) 8 Page - Unisonic Technologies

Back Button UU9792G-P48-R Datasheet HTML 4Page - Unisonic Technologies UU9792G-P48-R Datasheet HTML 5Page - Unisonic Technologies UU9792G-P48-R Datasheet HTML 6Page - Unisonic Technologies UU9792G-P48-R Datasheet HTML 7Page - Unisonic Technologies UU9792G-P48-R Datasheet HTML 8Page - Unisonic Technologies UU9792G-P48-R Datasheet HTML 9Page - Unisonic Technologies UU9792G-P48-R Datasheet HTML 10Page - Unisonic Technologies UU9792G-P48-R Datasheet HTML 11Page - Unisonic Technologies UU9792G-P48-R Datasheet HTML 12Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
UU9792
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
8 of 15
www.unisonic.com.tw
QW-R125-047.a
DETAILED COMMAND DESCRIPTION
D7 (MSB) is bit for command or data judgment.
C:0—Next Byte is RAM write data
1—Next byte is command
Mode Set
D7 (MSB)
D6
D5
D4
D3
D2
D1
D0 (LSB)
C
1
0
﹡
P3
P2
﹡
﹡
Set display ON and OFF
Setting
P3
Reset initialize condition
Display off
0
○
Display on
1
Display off: Regardless of DDRAM data, all SEGMENT and COMMON output will be stopped. Display off mode
will be finished by Display on.
Display On: SEGMENT and COMMON output will be active and start to read the display data from DDRAM.
Set Bias level
setting
P2
Reset initialize condition
1/3 Bias
0
○
1/2 Bias
1
Refer to LCD driving waveform
Address set (ADSET)
D7 (MSB)
D6
D5
D4
D3
D2
D1
D0 (LSB)
C
0
0
P4
P3
P2
P1
P0
Address data is specified in P [4:0].
The address range can be set as 00000~10011(2).
When the specified address is out of range, the address will be set to “00000”
Display control (DISCTL)
D7 (MSB)
D6
D5
D4
D3
D2
D1
D0 (LSB)
C
0
1
P4
P3
P2
P1
P0
Set Power mode FR
Power save mode FR
P4
P3
Reset initialize condition
Normal mode
0
0
○
Power save mode1
0
1
Power save mode2
1
0
Power save mode3
1
1
*Operation current decrease in
Normal mode > Power save mode1 > Power save mode2 > Power save mode3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com