Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UU9792G-P48-R Datasheet(PDF) 9 Page - Unisonic Technologies

Part # UU9792G-P48-R
Description  CMOS IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UU9792G-P48-R Datasheet(HTML) 9 Page - Unisonic Technologies

Back Button UU9792G-P48-R Datasheet HTML 5Page - Unisonic Technologies UU9792G-P48-R Datasheet HTML 6Page - Unisonic Technologies UU9792G-P48-R Datasheet HTML 7Page - Unisonic Technologies UU9792G-P48-R Datasheet HTML 8Page - Unisonic Technologies UU9792G-P48-R Datasheet HTML 9Page - Unisonic Technologies UU9792G-P48-R Datasheet HTML 10Page - Unisonic Technologies UU9792G-P48-R Datasheet HTML 11Page - Unisonic Technologies UU9792G-P48-R Datasheet HTML 12Page - Unisonic Technologies UU9792G-P48-R Datasheet HTML 13Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
UU9792
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
9 of 15
www.unisonic.com.tw
QW-R125-047.a
DETAILED COMMAND DESCRIPTION (Cont.)
Set Power mode SR
Power save mode SR
P1
P0
Reset initialize condition
Power save mode1
0
0
Power save mode2
0
1
Normal mode
1
0
○
High Power mode
1
1
*Operation current increase in order of
Power save mode1 < Power save mode2 < Normal mode < High power mode order
High Power mode: VDD – VLCD ≥ 3.0V
Setup
Current
Power save mode1
×0.5
Power save mode2
×0.67
Normal mode
×1.0
High power mode
×1.8
Set LCD driving waveform
Set up
P2
Reset initialize condition
Line
0
○
Frame
1
Set IC Operation (ICSET)
D7 (MSB)
D6
D5
D4
D3
D2
D1
D0 (LSB)
C
1
1
0
1
﹡
P1
P0
Set Software Reset condition
Set up
P1
Reset initialize condition
No operation
0
○
Software reset
1
Switch between internal clock and external clock
Setup
P0
Reset initialize condition
Internal clock
0
○
External clock input
1
All Pixel control (APCTL)
D7 (MSB)
D6
D5
D4
D3
D2
D1
D0 (LSB)
C
1
1
1
1
1
P1
P0
All display set ON
APON
P1
Reset initialize condition
Normal
0
○
All pixel ON
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com