Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UU9792G-P48-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UU9792G-P48-R
Description  CMOS IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UU9792G-P48-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UU9792G-P48-R Datasheet HTML 1Page - Unisonic Technologies UU9792G-P48-R Datasheet HTML 2Page - Unisonic Technologies UU9792G-P48-R Datasheet HTML 3Page - Unisonic Technologies UU9792G-P48-R Datasheet HTML 4Page - Unisonic Technologies UU9792G-P48-R Datasheet HTML 5Page - Unisonic Technologies UU9792G-P48-R Datasheet HTML 6Page - Unisonic Technologies UU9792G-P48-R Datasheet HTML 7Page - Unisonic Technologies UU9792G-P48-R Datasheet HTML 8Page - Unisonic Technologies UU9792G-P48-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
UU9792
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 15
www.unisonic.com.tw
QW-R125-047.a
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Power Supply Voltage
VDD
-0.5 ~ +7.0
V
Power Supply for LCD driving
VLCD
-0.5 ~ VDD
V
Input voltage range
VIN
-0.5 ~ VDD+0.5
V
Operation temperature
TOPR
-40 ~ +85
°C
Storage temperature range
TSTG
-55 ~ +125
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
STANDARD OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Power Supply
VDD
2.5
5.5
V
Power Supply for LCD driving
VLCD
2.5
5.5
V
Operating Temperature Range
TOPR
-40
85
°C
ELECTRICAL CHARACTERISTICS
DC Characteristics
(VDD=2.5 ~ 5.5V, VLCD=2.5 ~ 5.5V, VSS=0V, TA= -40 ~ 85°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
“H” level input voltage
VIH
SDA SCL
0.7×VDD
VDD
V
“L” level input voltage
VIL
SDA SCL
VSS
0.3×VDD
V
Standby current
IST
Display off Oscillation off
5
uA
Operation current
IDD1
VDD=3.3v, TA=25°C, Power save
mode1, FR=Power save model1,
1/3Bias, Frame inverse
80
uA
Frame frequency
fCLK
VDD=3.3V
80
Hz
SCL cycle time
tSCL
2.5
us
SEG
3.5
KΩ
LCD Driver on resistance
COM
RON
ILOAD=±10uA
3.5
KΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com