Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4100 Datasheet(PDF) 13 Page - Silicon Laboratories

Part # TS4100
Description  Precision Measurement
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS4100 Datasheet(HTML) 13 Page - Silicon Laboratories

Back Button TS4100 Datasheet HTML 9Page - Silicon Laboratories TS4100 Datasheet HTML 10Page - Silicon Laboratories TS4100 Datasheet HTML 11Page - Silicon Laboratories TS4100 Datasheet HTML 12Page - Silicon Laboratories TS4100 Datasheet HTML 13Page - Silicon Laboratories TS4100 Datasheet HTML 14Page - Silicon Laboratories TS4100 Datasheet HTML 15Page - Silicon Laboratories TS4100 Datasheet HTML 16Page - Silicon Laboratories TS4100 Datasheet HTML 17Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Parameter
Symbol
Conditions
Min
Typ
Max
Units
ADDA/B/C, INH Turn-
On Time
tON
VDD = 5.25 V
RL = 5 kΩ, CL = 35 pF
See Figure
2.6 TS4100-TS4102
Address/Enable Turn-
On/Off Time Test Set-
up on page 7
7
9
µs
ADDA/B/C, INH Turn-
Off Time
tOFF
0.5
0.8
µs
Break-Before-Make
Delay
tBBM
VNO/C = 5.25 V
RL = 5 kΩ, CL = 35 pF
See Figure
2.7 TS4100-TS4102
Break-Before-Make
Test Setup on page 86
6.5
8.2
µs
Charge-Injection
Q
VNO/C = 5.25 V, CL = 1 nF
See Figure 2.8 TS4100-TS4102 Charge Injec-
tion Test Setup on page 8.
10
pC
Off-Isolation
VISO
f = 10 kHz, VNO/C = 1 VRMS, RL = 100 kΩ, CL =
50 pF
See Figure 2.9 TS4100-TS4102 Off-Isolation
Test Setup on page 9.
–87
dB
TS4101,TS4102
Crosstalk
VCT
f = 10 kHz, VNO/C = 1 VRMS, RL = 100 kΩ
See Figure 2.11 TS4101 Crosstalk Test Setup
on page 10 and Figure 2.12 TS4102 Crosstalk
Test Setup on page 10.
–77
dB
Total Harmonic Distor-
tion
THD
f = 10 kHz, VNO/C = 400 mVPP (500 mV Offset)
CL = 15 pF, RNO/C = RCOM = 600 Ω
0.16
%
Power Supply
Supply Current
IQ
VDD = 5.25 V
VNO/C = 0 or VDD
TA = 25 ºC
675
765
nA
950
nA
Supply Voltage
VDD
0.8
5.25
V
Note:
1. VDD = 0.8 V to 5.25 V; INH = GND unless otherwise specified; TA= –40 °C to +85 °C. Typical values are at TA = +25 °C; All
specifications are 100% tested at TA = +85°C. Specification limits over temperature (TA = TMIN to TMAX) are guaranteed by device
characterization, not production tested.
2. On-Resistance Flatness is defined by the following equation: (RON0.5V – RON5.25V / RON0.5V) x 100.
3. Tested at VNO/C = 0.5 V and VNO/C = 5.25 V and guaranteed by design from VNO/C = 0 V to VNO/C = 5.25 V.
4. ΔRON=RONMAX−RONMIN
5. Leakage parameters are guaranteed by correlation at TA = 25 ºC and are 100% tested at the maximum rated hot operating tem-
perature.
6. tBBM = tON − tOFF. Not production tested.
TS4100/01/02 Data Sheet
Electrical Characteristics
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com