Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4100 Datasheet(PDF) 4 Page - Silicon Laboratories

Part # TS4100
Description  Precision Measurement
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS4100 Datasheet(HTML) 4 Page - Silicon Laboratories

  TS4100 Datasheet HTML 1Page - Silicon Laboratories TS4100 Datasheet HTML 2Page - Silicon Laboratories TS4100 Datasheet HTML 3Page - Silicon Laboratories TS4100 Datasheet HTML 4Page - Silicon Laboratories TS4100 Datasheet HTML 5Page - Silicon Laboratories TS4100 Datasheet HTML 6Page - Silicon Laboratories TS4100 Datasheet HTML 7Page - Silicon Laboratories TS4100 Datasheet HTML 8Page - Silicon Laboratories TS4100 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
2.1.5 Programmable Gain Amplifier (PGA) with the TS4100
Analog signals can vary in amplitude and frequency especially when considering various taypes of sensors such as thermistors, strain
gauges, and photodiodes. To process the analog signals provided by the sensor, a stand-alone ADC such as a TS7001 or TS7003 can
be used. However, to take advantage of the resolution of the ADC, the analog signals must be scaled up to the maximum input voltage
range of the ADC.
One way to achieve this is by designing a 1.5 V non-inverting programmable gain amplifier (PGA) that incorporates a TS1005 opera-
tional amplifier and a TS4100 analog multiplexer as shown in the figure below. The gain can be changed from 2 to 8 via address pins
ADDA, ADDB, and ADDC.
With the TS4100 connected to ground, the on-resistance of the switch becomes part of the gain of the amplifier and needs to be ac-
counted for in the following gain equation: GAIN = 1 +
R1
RGX + RON
where RON is 80 Ω (typ) and RGX is the resistor connected to the TS4100 input. Unlike other analog switches, the TS4100 on-resist-
ance variation over the entire signal swing range is less than 1%. In this circuit, the corresponding gain variation is less than 0.03%
across all channels. This circuit accommodates an input signal bandwidth of 2.5 kHz to 10 kHz. Also, by connecting the TS4100 to
ground, internal switching spikes are minimized. Refer to 2.1.7 Charge Pump Effect Considerations.
Figure 2.1. Non-Inverting Programmable Gain Amplifier (PGA) with TS4100
TS4100/01/02 Data Sheet
System Overview
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com