Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4100 Datasheet(PDF) 3 Page - Silicon Laboratories

Part # TS4100
Description  Precision Measurement
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS4100 Datasheet(HTML) 3 Page - Silicon Laboratories

  TS4100 Datasheet HTML 1Page - Silicon Laboratories TS4100 Datasheet HTML 2Page - Silicon Laboratories TS4100 Datasheet HTML 3Page - Silicon Laboratories TS4100 Datasheet HTML 4Page - Silicon Laboratories TS4100 Datasheet HTML 5Page - Silicon Laboratories TS4100 Datasheet HTML 6Page - Silicon Laboratories TS4100 Datasheet HTML 7Page - Silicon Laboratories TS4100 Datasheet HTML 8Page - Silicon Laboratories TS4100 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
2. System Overview
The TS4100 is an 8-channel multiplexer with inputs NO0-NO7 and output COM. A channel can be selected via address pins ADDA,
ADDB, and ADDC.
The TS4101 is a dual 4-channel switch/multiplexer with two separate input banks: NO0A-NO3A and NO0B-NO3B with dedicated output
COMA and COMB, respectively. A channel can be selected via address pins ADDA and ADDB.
The TS4102 is a triple single-pole/double-throw (SPDT) switch. When ADDA, ADDB, or ADDC is set to a Low state, the output will be
NCA, NCB, or NCC, respectively. When ADDA, ADDB, or ADDC is set to a High state, the output will be NOA, NOB, or NOC, respec-
tively. Refer to XREF DIGITAL I/O SETTINGS TABLE
Unlike similar switch/multiplexer devices, the TS4100-TS4102 input voltage is independent of the supply voltage. This allows the input
voltage to be greater than the supply voltage while maintaining a flat On-resistance vs. the VNO/VCOM curve. Refer to 3.1 Typical
Performance Characteristics for more information.
2.1 Applications Information
2.1.1 AC Performance Considerations
2.1.2 Off Isolation
Like all switch/multiplexer devices, the off-isolation of the device is measured when the device is off (see Figure 2.8 TS4100-TS4102
Charge Injection Test Setup on page 8). During the OFF state, part of the input signal couples to the output load. To maximize the
off-isolation, maximize your capacitive load and minimize your resistive load. The trade-off is that this can increase the insertion loss of
the device so it must be considered when designing a circuit. The insertion loss is measured when the switch/multiplexer is in the ON
state (see Figure 2.9 TS4100-TS4102 Off-Isolation Test Setup on page 9).
At 10 kHz, the off-isolation of the TS4100-TS4102 is approximately –88 dB. Refer to the Off-Isolation vs. Frequency plot in 3.1 Typical
Performance Characteristics.
2.1.3 Total Harmonic Distortion (THD)
In audio and data acquisition applications, signal fidelity is of a concern. As a result, the THD parameter of the analog mux/switch be-
comes an important factor. Many current analog switch/mux devices on the market implement a design that allow for a large variation of
on-resistance as the input signal is changing. With 1% on-resistance variation over the entire signal swing, the TS4100-TS4102 design
minimizes THD. At 10 kHz, the TS4100-TS4102 exhibits a THD of 0.15% over the entire signal swing.
2.1.4 Bandwidth Considerations
The magnitude of the output resistive load and capacitive load has an impact on the bandwidth of the mux/switch. At dc or close to dc
input signals, a resistive load has the greatest impact where the output voltage is determined primarily by the voltage divider consisting
of the switch on-resistance and the output resistive load. To minimize the ON insertion loss, maximize the resistive load.
As the input frequency increases, the ac impedance of the circuit begins to have an impact on bandwidth of the mux/switch. To counter
this effect, minimize the load capacitance and any stray capacitance that may be present on the board. Also, ensure a board layout that
minimizes signal trace lengths.
TS4100/01/02 Data Sheet
System Overview
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com