Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4100 Datasheet(PDF) 18 Page - Silicon Laboratories

Part # TS4100
Description  Precision Measurement
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS4100 Datasheet(HTML) 18 Page - Silicon Laboratories

Back Button TS4100 Datasheet HTML 14Page - Silicon Laboratories TS4100 Datasheet HTML 15Page - Silicon Laboratories TS4100 Datasheet HTML 16Page - Silicon Laboratories TS4100 Datasheet HTML 17Page - Silicon Laboratories TS4100 Datasheet HTML 18Page - Silicon Laboratories TS4100 Datasheet HTML 19Page - Silicon Laboratories TS4100 Datasheet HTML 20Page - Silicon Laboratories TS4100 Datasheet HTML 21Page - Silicon Laboratories TS4100 Datasheet HTML 22Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
4. Pin Descriptions
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
NO1
NO0
NO3
ADDA
ADDB
ADDC
GND
NC
INH
NO5
NO7
COM
NO6
NO4
VDD
NO2
TS4100
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
NO1A
COMA
NO0A
NO3A
ADDA
ADDB
GND
NC
INH
NO1B
NO3B
COMB
NO2B NO0B
VDD
NO2A
TS4101
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
COMC
NOC
NCC
ADDA
ADDB
ADDC
GND
NC
INH
NCA
COMA
NOA
NCB
NOB
VDD
COMB
TS4102
Table 4.1. Pin Functions
Pin
Pin Name
Function
TS4100
TS4101
TS4102
1
COM
8-channel switch/multiplexer output
COMB
4-channel switch/multiplexer "B" output
NOA
Single-Pole/Double-Throw Switch (SPDT) "A" normally open input.
2
NO7
8-channel switch/multiplexer input.
NO3B
4-channel switch/multiplexer "B" input.
COMA
Single-Pole/Double-Throw Switch (SPDT) "A" output.
3
NO5
8-channel switch/multiplexer input
NO1B
4-channel switch/multiplexer "B" input.
NCA
Single-Pole/Double-Throw Switch (SPDT) "A" normally closed input.
4
INH
Enable digital I/O input. To enable the switch/multiplexer, connect to
GND. To disable, connect to VDD. Refer to the "Digital I/O Overvoltage
Protection" section of the data sheet.
5
NC
No Connect.
6
GND
Ground. Connect this pin to the system's clean analog ground plane.
7
ADDC
ADDC
Address "C" digital I/O input. Refer to the "Digital I/O Overvoltage Protec-
tion" section of the datasheet.
ADDB
Address "B" digital I/O input. Refer to the "Digital I/O Overvoltage Protec-
tion" section of the datasheet.
8
ADDB
ADDB
ADDA
Address "A" digital I/O input. Refer to the "Digital I/O Overvoltage Protec-
tion" section of the datasheet.
9
ADDA
ADDA
NO3A
4-channel switch/multiplexer "A" input.
10
NO3
8-channel switch/multiplexer input.
NO0A
4-channel switch/multiplexer "A" input.
NCC
Single-Pole/Double-Throw Switch (SPDT) "C" normally closed input.
TS4100/01/02 Data Sheet
Pin Descriptions
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com