Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4100 Datasheet(PDF) 21 Page - Silicon Laboratories

Part # TS4100
Description  Precision Measurement
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS4100 Datasheet(HTML) 21 Page - Silicon Laboratories

Back Button TS4100 Datasheet HTML 16Page - Silicon Laboratories TS4100 Datasheet HTML 17Page - Silicon Laboratories TS4100 Datasheet HTML 18Page - Silicon Laboratories TS4100 Datasheet HTML 19Page - Silicon Laboratories TS4100 Datasheet HTML 20Page - Silicon Laboratories TS4100 Datasheet HTML 21Page - Silicon Laboratories TS4100 Datasheet HTML 22Page - Silicon Laboratories TS4100 Datasheet HTML 23Page - Silicon Laboratories TS4100 Datasheet HTML 24Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
5.2 TS410x Top Marking
TS4100 Top Marking
Table 5.1. TS4100 Top Marking Explanation
Mark Method:
Laser
Pin 1 Mark:
Circle = 0.5 mm Diameter (Low-
er-Left Corner)
Font Size:
0.50 mm (20 mils)
Line 1 Mark Format:
Product ID
e.g., "T4100"
Line 2 Mark Format:
TTTT = Mfg Code
Manufacturing Code from the Assembly Purchase Order Form.
Line 3 Mark Format:
YY = Year
WW = Work Week
Assigned by the Assembly House. Corresponds to the year and
work week of the assembly release.
TS4100/01/02 Data Sheet
Packaging
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com