Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR33A3 Datasheet(PDF) 8 Page - Aplus Intergrated Circuits

Part # PR33A3
Description  Recording voice IC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

PR33A3 Datasheet(HTML) 8 Page - Aplus Intergrated Circuits

Back Button PR33A3 Datasheet HTML 4Page - Aplus Intergrated Circuits PR33A3 Datasheet HTML 5Page - Aplus Intergrated Circuits PR33A3 Datasheet HTML 6Page - Aplus Intergrated Circuits PR33A3 Datasheet HTML 7Page - Aplus Intergrated Circuits PR33A3 Datasheet HTML 8Page - Aplus Intergrated Circuits PR33A3 Datasheet HTML 9Page - Aplus Intergrated Circuits PR33A3 Datasheet HTML 10Page - Aplus Intergrated Circuits PR33A3 Datasheet HTML 11Page - Aplus Intergrated Circuits PR33A3 Datasheet HTML 12Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Integrated Circuits Inc.
aPR33A3
Ver. E
8/27
JAN 06 2014
Tape Mode using the Auto Rewind Option of playback
The following fig. showed a typical playback circuit for auto rewind mode. We add a
slide-switch between /REC pin and VSS, and add 2 tact-switches /M0_Tg, /M2_CE pin and
VSS. When the slide-switch fixed in float side and press /M0_Tg pin, chip will start message
playback.
Note: After reset, /REC and /M0_Tg, /M2_/CE and /M7_Option pin will be pull-up to VDD by
internal resistor.
On power-up, beep twice and the device will be ready to playback from the first address of
memory array. Send a falling edge to the /M0_Tg pin to play the present message. During
the playback, send a falling edge to/M0_Tg pin then it will stop playing & beep once. After
stop playing, sending a falling edge to /M0_Tg pin again, it will start to play the next message.
After playing the last message, send a falling edge to /M0_Tg pin, and it will beep once to
remind you & auto-rewind to the first message. If /M0_Tg pin is kept in low potential
continually, the messages will be played to the last one & beep twice repeatedly. When
/M0_Tg pin is back to high potential, the beep voices stop and the message will be
auto-rewind to the first message.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com