Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR33A3 Datasheet(PDF) 5 Page - Aplus Intergrated Circuits

Part # PR33A3
Description  Recording voice IC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

PR33A3 Datasheet(HTML) 5 Page - Aplus Intergrated Circuits

  PR33A3 Datasheet HTML 1Page - Aplus Intergrated Circuits PR33A3 Datasheet HTML 2Page - Aplus Intergrated Circuits PR33A3 Datasheet HTML 3Page - Aplus Intergrated Circuits PR33A3 Datasheet HTML 4Page - Aplus Intergrated Circuits PR33A3 Datasheet HTML 5Page - Aplus Intergrated Circuits PR33A3 Datasheet HTML 6Page - Aplus Intergrated Circuits PR33A3 Datasheet HTML 7Page - Aplus Intergrated Circuits PR33A3 Datasheet HTML 8Page - Aplus Intergrated Circuits PR33A3 Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
Integrated Circuits Inc.
aPR33A3
Ver. E
5/27
JAN 06 2014
PIN DESCRIPTION
Pin Names
Pin No
TYPE
Description
VDDP
VDD
VDDA
VDDL
8
10
18
24
Positive power supply.
VSSP
VSSL
VSSA
5
11
17
Power ground.
VLDO
25
Internal LDO output.
VCORE
16
Positive power supply for core.
VREF
19
Reference voltage.
VCM
20
Common mode voltage.
Rosc
26
INPUT
Oscillator resistor input.
/RSTB
27
INPUT
Reset. (Low active)
SRSTB
28
INPUT
System reset, pull-down a resistor to the VSSL.
MIC+
MIC-
21
22
INPUT
Microphone differential input.
MICG
23
OUTPUT
Microphone ground.
VOUT1
7
INPUT
PWM output to drive speaker directly.
DAC option.
VOUT2
6
INPUT
PWM output to drive speaker directly.
DAC output.
/REC
12
INPUT
Record Mode. (Low active)
/M0_Tg
13
INPUT
Play/Record trigger. (Low active)
/M1_Next
14
INPUT
This pin forces a jump to next message for either recording or
playback. (Low active)
/M2_/CE
15
INPUT
Reset message management features. (Low active)
/M6_BE
1
INPUT
Beep enable/disable. (Low active)
/M7_Option
2
INPUT
Auto Rewind / Non-Auto Rewind (Low active) mode select.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com