Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR33A3 Datasheet(PDF) 23 Page - Aplus Intergrated Circuits

Part # PR33A3
Description  Recording voice IC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

PR33A3 Datasheet(HTML) 23 Page - Aplus Intergrated Circuits

Back Button PR33A3 Datasheet HTML 19Page - Aplus Intergrated Circuits PR33A3 Datasheet HTML 20Page - Aplus Intergrated Circuits PR33A3 Datasheet HTML 21Page - Aplus Intergrated Circuits PR33A3 Datasheet HTML 22Page - Aplus Intergrated Circuits PR33A3 Datasheet HTML 23Page - Aplus Intergrated Circuits PR33A3 Datasheet HTML 24Page - Aplus Intergrated Circuits PR33A3 Datasheet HTML 25Page - Aplus Intergrated Circuits PR33A3 Datasheet HTML 26Page - Aplus Intergrated Circuits PR33A3 Datasheet HTML 27Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
Integrated Circuits Inc.
aPR33A3
Ver. E
23/27
JAN 06 2014
DC CHARACTERISTICS
Symbol
Parameter
Min. Typ. Max. Unit
Conditions
VDD
Operating Voltage
3.0
6.5
V
ISB
Standby Current
1
µA
IPDN
Power-Down Current
15
20
µA
IOP(IDLE)
Operating Current (Idle)
20
mA
VDD = 5V
IOP(REC)
Operating Current (Record)
35
mA
VDD = 5V
IOP(PLAY)
Operating Current (Playback)
25
mA
VDD = 5V
VIH
"H" Input Voltage
2.5
V
VIL
"L" Input Voltage
0.6
V
IVOUT
VOUT Current
185
mA
IOH
O/P High Current
8
mA
VDD = 5V / VOH=4.5V
IOL
O/P Low Current
14
mA
VDD = 5V / VOH=0.5V
RNPIO
Input pin pull-down resistance
300
K
External floating or drive low.
1
M
External drive high.
RUPIO
Input pin pull-up resistance
4.7
K
Fs/Fs
△
Frequency stability
5
%
VDD = 5V ± 1.0V
Fc/Fc
△
Chip to chip Frequency Variation
5
%
Also apply to lot to lot
variation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com