Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR33A3 Datasheet(PDF) 1 Page - Aplus Intergrated Circuits

Part # PR33A3
Description  Recording voice IC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

PR33A3 Datasheet(HTML) 1 Page - Aplus Intergrated Circuits

  PR33A3 Datasheet HTML 1Page - Aplus Intergrated Circuits PR33A3 Datasheet HTML 2Page - Aplus Intergrated Circuits PR33A3 Datasheet HTML 3Page - Aplus Intergrated Circuits PR33A3 Datasheet HTML 4Page - Aplus Intergrated Circuits PR33A3 Datasheet HTML 5Page - Aplus Intergrated Circuits PR33A3 Datasheet HTML 6Page - Aplus Intergrated Circuits PR33A3 Datasheet HTML 7Page - Aplus Intergrated Circuits PR33A3 Datasheet HTML 8Page - Aplus Intergrated Circuits PR33A3 Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
Integrated Circuits Inc.
aPR33A3
Ver. E
1/27
JAN 06 2014
aPR33A3
Tape Mode (C3.1)
Datasheet
Recording voice IC
APLUS INTEGRATED CIRCUITS INC.
Address:
3 F-10, No. 32, Sec. 1, Chenggung Rd., Taipei, Taiwan 115, R.O.C.
TEL:
886-2-2782-9266
FAX:
886-2-2782-9255
WEBSITE :
http://www.aplusinc.com.tw
Technology E-mail:
service@aplusinc.com.tw
Sales E-mail:
sales@aplusinc.com.tw


Similar Part No. - PR33A3

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PR33MD22NSZ SHARP-PR33MD22NSZ Datasheet
54Kb / 3P
Solid State Relay
PR33MF11NIPF SHARP-PR33MF11NIPF Datasheet
259Kb / 15P
Non-Zero Cross type DIP 8pin Triac output SSR
PR33MF11NSZ SHARP-PR33MF11NSZ Datasheet
259Kb / 15P
Non-Zero Cross type DIP 8pin Triac output SSR
PR33MF11NSZF SHARP-PR33MF11NSZF Datasheet
259Kb / 15P
Non-Zero Cross type DIP 8pin Triac output SSR
PR33MF11YIPF SHARP-PR33MF11YIPF Datasheet
259Kb / 15P
Non-Zero Cross type DIP 8pin Triac output SSR
More results

Similar Description - PR33A3

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS5911 SAMSUNG-KS5911 Datasheet
540Kb / 13P
CMOS DIGITAL INTEGRATED CIRCUIT (VOICE RECORDING & REPRODUCING LSI
logo
Aplus Intergrated Circu...
APR6008 APLUS-APR6008 Datasheet
2Mb / 23P
Voice Recording & Playback Device Voice Recording & Playback Device
APR6016 APLUS-APR6016 Datasheet
1Mb / 24P
Voice Recording & Playback Device 16 Minute Duration
logo
Toshiba Semiconductor
TC8830F TOSHIBA-TC8830F Datasheet
3Mb / 65P
C2MOS VOICE RECORDING/REPRODUCING LSI
logo
List of Unclassifed Man...
A96020 ETC2-A96020 Datasheet
73Kb / 1P
Voice Recording Module 20??x 2 sections
logo
Aplus Intergrated Circu...
APR6016 APLUS-APR6016_15 Datasheet
570Kb / 24P
16 min Recording & Playback Voice IC
P89021 APLUS-P89021 Datasheet
236Kb / 18P
VOICE OTP IC
P89085 APLUS-P89085 Datasheet
359Kb / 24P
VOICE OTP IC
P89170 APLUS-P89170 Datasheet
359Kb / 24P
VOICE OTP IC
PR2060 APLUS-PR2060 Datasheet
1Mb / 28P
40 ~ 80 sec recording voice IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com