Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR33A3 Datasheet(PDF) 24 Page - Aplus Intergrated Circuits

Part # PR33A3
Description  Recording voice IC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

PR33A3 Datasheet(HTML) 24 Page - Aplus Intergrated Circuits

Back Button PR33A3 Datasheet HTML 19Page - Aplus Intergrated Circuits PR33A3 Datasheet HTML 20Page - Aplus Intergrated Circuits PR33A3 Datasheet HTML 21Page - Aplus Intergrated Circuits PR33A3 Datasheet HTML 22Page - Aplus Intergrated Circuits PR33A3 Datasheet HTML 23Page - Aplus Intergrated Circuits PR33A3 Datasheet HTML 24Page - Aplus Intergrated Circuits PR33A3 Datasheet HTML 25Page - Aplus Intergrated Circuits PR33A3 Datasheet HTML 26Page - Aplus Intergrated Circuits PR33A3 Datasheet HTML 27Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
Integrated Circuits Inc.
aPR33A3
Ver. E
24/27
JAN 06 2014
AC CHARACTERISTICS
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
T1
/CS Setup Time
100
--
--
mS
VDD=5.0V
T2
Trigger Setup Time
16
--
--
mS
VDD=5.0V
T3
Trigger Hold Time
16
--
--
mS
VDD=5.0V
T4
/CS Hold Time
100
--
--
uS
VDD=5.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com