Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA84C441 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCA84C441
Description  8-bit microcontrollers with OSD and VST
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA84C441 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCA84C441 Datasheet HTML 4Page - NXP Semiconductors PCA84C441 Datasheet HTML 5Page - NXP Semiconductors PCA84C441 Datasheet HTML 6Page - NXP Semiconductors PCA84C441 Datasheet HTML 7Page - NXP Semiconductors PCA84C441 Datasheet HTML 8Page - NXP Semiconductors PCA84C441 Datasheet HTML 9Page - NXP Semiconductors PCA84C441 Datasheet HTML 10Page - NXP Semiconductors PCA84C441 Datasheet HTML 11Page - NXP Semiconductors PCA84C441 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
1996 Nov 29
8
Philips Semiconductors
Product specification
8-bit microcontrollers with OSD and VST
84C44X; 84C64X; 84C84X
7
RESET
The RESET pin (active LOW input) is used to initialize the
microcontroller to a defined state. The Reset configuration
is shown in Fig.5.
Fig.4 External components for RESET pin.
andbook, halfpage
VSS
DD
V
R
≤ 100 kΩ
C
RESET
MCD174
7.1
Power-on-reset
The Power-on-reset circuit monitors the voltage level of
VDD. If VDD remains below the internal reference voltage
level Vref (typically 1.3 V), the oscillator is inhibited.
When VDD rises above Vref, the oscillator is released and
the internal reset is active for a period of td (typically
50
µs).
Considering the VDD rise time, the following measures for
a correct Power-on-reset can be taken:
• If the VDD rises above the minimum operation voltage
before time period td is exceeded, no external
components are necessary (see Fig.6).
• If V
DD has a slow rise time, such that after the time
period (tVref +td) has elapsed the supply voltage is still
below the minimum operation voltage (Vmin),
external components are required (see Figs 4 and 7).
To guarantee a correct reset operation, ensure that the
time constant RC
≥ 8 × tVDD.
A definite Power-on-reset can be realized by applying an
(external) RESET signal during power-on.
Fig.5 Reset configuration.
handbook, full pagewidth
MLA651
V
SS
DD
V
RESET
POWER-ON-RESET
oscillator
inhibit
ref
V
internal
reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com