Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA84C441 Datasheet(PDF) 35 Page - NXP Semiconductors

Part # PCA84C441
Description  8-bit microcontrollers with OSD and VST
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA84C441 Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button PCA84C441 Datasheet HTML 31Page - NXP Semiconductors PCA84C441 Datasheet HTML 32Page - NXP Semiconductors PCA84C441 Datasheet HTML 33Page - NXP Semiconductors PCA84C441 Datasheet HTML 34Page - NXP Semiconductors PCA84C441 Datasheet HTML 35Page - NXP Semiconductors PCA84C441 Datasheet HTML 36Page - NXP Semiconductors PCA84C441 Datasheet HTML 37Page - NXP Semiconductors PCA84C441 Datasheet HTML 38Page - NXP Semiconductors PCA84C441 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
1996 Nov 29
35
Philips Semiconductors
Product specification
8-bit microcontrollers with OSD and VST
84C44X; 84C64X; 84C84X
Notes
1. VIL =VSS; VIH =VDD; all outputs and sense input lines unloaded. All open drain ports connected to VSS.
2. Crystal is connected between XTAL1 and XTAL2; T1 = VSS; INT/T0 = VDD.
17 AC CHARACTERISTICS
VDD =5V; Tamb = −20 to +70 °C; all voltages with respect to VSS; unless otherwise specified.
Note
1. Oscillator with three (3) options for optimum use.
AFC characteristics; Port DP1.7/AFC
VAI
comparator analog input voltage
VSS
−
VDD
V
VAE
conversion error range
−−
± 0.5
LSB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Oscillator
fXTAL
crystal frequency; note 1
1
−
10.0
MHz
fOSC-XTAL
oscillator frequency; option 1
gm = 0.4 mS (typ.)
1
−
6.0
MHz
fOSC-PXE
not allowed
MHz
fOSC-XTAL
oscillator frequency; option 2
gm = 1.6 mS (typ.)
4.0
−
10.0
MHz
fOSC-PXE
1.0
−
6.0
MHz
fOSC-XTAL
oscillator frequency; option 3
gm = 4.5 mS (typ.)
not allowed
MHz
fOSC-PXE
3.0
−
10.0
MHz
CXTAL1
external capacitance at XTAL1
with XTAL resonator
not required
pF
with PXE resonator
−
30
100
pF
CXTAL2
external capacitance at XTAL2
with XTAL resonator
not required
pF
with PXE resonator
−
30
100
pF
fDOSC
On Screen Display clock frequency
4.0
8.0
10.0
MHz
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com