Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA84C441 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCA84C441
Description  8-bit microcontrollers with OSD and VST
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA84C441 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCA84C441 Datasheet HTML 1Page - NXP Semiconductors PCA84C441 Datasheet HTML 2Page - NXP Semiconductors PCA84C441 Datasheet HTML 3Page - NXP Semiconductors PCA84C441 Datasheet HTML 4Page - NXP Semiconductors PCA84C441 Datasheet HTML 5Page - NXP Semiconductors PCA84C441 Datasheet HTML 6Page - NXP Semiconductors PCA84C441 Datasheet HTML 7Page - NXP Semiconductors PCA84C441 Datasheet HTML 8Page - NXP Semiconductors PCA84C441 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
1996 Nov 29
3
Philips Semiconductors
Product specification
8-bit microcontrollers with OSD and VST
84C44X; 84C64X; 84C84X
1
FEATURES
1.1
PCF84CXXXA kernel
• 8-bit CPU, ROM, RAM, I/O in a single 42 leads shrink
DIL package
• Over 80 instructions all of 1 or 2 cycles
• 29 quasi-bidirectional standard I/O port lines
• Configuration of I/O lines individually selected by mask
• External interrupt INT/T0
• 2 direct testable inputs T0 and T1
• 8-bit programmable timer/event counter
• 3 single level vectored interrupts (external,
timer/counter, I2C-bus)
• Power-on-reset and low voltage detector
• Single power supply
• 2 power reduction modes: Idle and Stop
• Operating temperature range: −20 to +70 °C
• Silicon gate CMOS fabrication process (SAC2).
1.2
Derivative features PCA84C640
Although the PCA84C640 is specifically referred to
throughout this data sheet, the information applies to all
the devices. The small differences between the 84C640
and the other devices are specified in the text and also
highlighted in Chapter 6.
The PCA84C640 comprises:
• The PCF84CXXXA processor core
• 6 kbytes mask-programmable program ROM
• 128 bytes RAM
• Multi-master I2C-bus interface
• AFC input for Voltage Synthesized Tuning
(VST; with 3-bit DAC and comparator)
• On Screen Display (OSD) facility for two rows of
16-characters
• On Screen Display character set of 64 types
• Four programmable display dot sizes
• Half dot character rounding
• Seven colours for each character
• One 14-bit PWM output for VST
• Five 6-bit PWM outputs for analog controls
• Eight port lines with 10 mA LED drive capability
• 18 general purpose bidirectional I/O lines
plus 11 function-combined I/O lines
• 2 direct testable lines
• Programmable VSYNCN and HSYNCN input polarity
• RC oscillator for OSD function.
2
GENERAL DESCRIPTION
The 84C44X; 84C64X; 84C84X denotes the types:
• PCA84C440; 84C441; 84C443; 84C444
• PCA84C640; 84C641; 84C643; 84C644
• PCA84C840; 84C841; 84C843; 84C844.
which are 8-bit microcontrollers with On Screen Display
(OSD) and Voltage Synthesized Tuning (VST) functions.
All are members of the 84CXXX microcontroller family.
There are two oscillator types for the OSD function in the
various types, i.e.,
• RC oscillator: PCA84C440; 84C443; 84C640; 84C643;
84C840; 84C843
• LC oscillator: PCA84C441; 84C444; 84C641; 84C644;
84C841; 84C844.
2.1
Important note
This data sheet details the specific properties of the
PCA84C44X, PCA84C64X and PCA84C84X.
The shared characteristics of the PCA84CXXX family of
microcontrollers are described in the PCF84CXXXA
Family single-chip 8-bit Microcontroller of
“Data Handbook
IC14”, which should be read in conjunction with this data
sheet.
3
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
TEMPERATURE
RANGE (
°C)
NAME
DESCRIPTION
VERSION
PCA84C440; 84C443; 84C640; 84C643;
84C840; 84C843
SDIP42
plastic shrink dual in-line
package; 42 leads (600 mil)
SOT270-1
−20 to +70
PCA84C441; 84C444; 84C641; 84C644;
84C841; 84C844



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com