Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA84C441 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # PCA84C441
Description  8-bit microcontrollers with OSD and VST
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA84C441 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button PCA84C441 Datasheet HTML 20Page - NXP Semiconductors PCA84C441 Datasheet HTML 21Page - NXP Semiconductors PCA84C441 Datasheet HTML 22Page - NXP Semiconductors PCA84C441 Datasheet HTML 23Page - NXP Semiconductors PCA84C441 Datasheet HTML 24Page - NXP Semiconductors PCA84C441 Datasheet HTML 25Page - NXP Semiconductors PCA84C441 Datasheet HTML 26Page - NXP Semiconductors PCA84C441 Datasheet HTML 27Page - NXP Semiconductors PCA84C441 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
1996 Nov 29
24
Philips Semiconductors
Product specification
8-bit microcontrollers with OSD and VST
84C44X; 84C64X; 84C84X
12.6.2
DERIVATIVE REGISTERS LINE 0A AND LINE 0B
Table 13 Derivative register LINE 0A (address 41H)
Table 14 Description of LINE 0A bits
Table 15 Derivative register LINE 0B (address 42H)
Table 16 Description of LINE 0B bits
REGISTER
FUNCTION
LINE 0A
Determine the character size and vertical position of Row 0 (the first display row).
LINE 0B
Determine the horizontal position of Row 0 and the selection of background and blanking functions.
76543210
SZ01
SZ00
VP05
VP04
VP03
VP02
VP01
VP00
BIT SYMBOL
DESCRIPTION
7
SZ01
Character size. The state of these two bits enable one of four possible character sizes to be
selected for Row 0. Character sizes include background. See Table 23.
6
SZ00
5
VP05
Vertical position control.
The vertical position of Row 0 is selected by the state of the 6 bits, VP00 to VP05.
For details see Section 12.7.1 “Vertical position”.
4
VP04
3
VP03
2
VP02
1
VP01
0
VP00
76543210
BLK0
VB0
HP05
HP04
HP03
HP02
HP01
HP00
BIT SYMBOL
DESCRIPTION
7
BLK0
Blanking. This bit enables or disables the character display. When BLK0 is set to:
Logic 1, the outputs VOW1, VOW2, VOW3 and VOB are enabled; characters are displayed.
Logic 0, the outputs VOW1, VOW2, VOW3 and VOB are disabled; no characters are displayed.
6
VB0
Background. This bit determines whether the background display is selected or not.
The visual effect of background versus no background is shown in Fig.26. When VB0 is set to:
Logic 1, the characters in this row are displayed with background.
Logic 0, the background is disabled and only the characters are displayed.
5
HP05
Horizontal position control.
These 6 bits determine the start position of Row 0.
The horizontal position control is only active during OSDC clock cycles.
For details Section 12.7.2 “Horizontal position” and Fig.25.
4
HP04
3
HP03
2
HP02
1
HP01
0
HP00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com