Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA84C441 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # PCA84C441
Description  8-bit microcontrollers with OSD and VST
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA84C441 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button PCA84C441 Datasheet HTML 24Page - NXP Semiconductors PCA84C441 Datasheet HTML 25Page - NXP Semiconductors PCA84C441 Datasheet HTML 26Page - NXP Semiconductors PCA84C441 Datasheet HTML 27Page - NXP Semiconductors PCA84C441 Datasheet HTML 28Page - NXP Semiconductors PCA84C441 Datasheet HTML 29Page - NXP Semiconductors PCA84C441 Datasheet HTML 30Page - NXP Semiconductors PCA84C441 Datasheet HTML 31Page - NXP Semiconductors PCA84C441 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
1996 Nov 29
28
Philips Semiconductors
Product specification
8-bit microcontrollers with OSD and VST
84C44X; 84C64X; 84C84X
12.8
OSD character size and colour selection
12.8.1
CHARACTER SIZE
The character sizes are determined by the bits:
• CDTW, for the width
• CDTH, for the height.
The character sizes are selected by bits SZn1 and SZn0,
which denotes:
• SZ01 and SZ00 for Row 0
• SZ11 and SZ10 for Row 1.
Table 23 Character sizes selection
H denotes one horizontal line, T denotes one OSDC clock period and D denotes dots per character width/height.
SIZE BITS
CHARACTER SIZE
DOT MATRIX POINT
SZn1
SZn0
VERTICAL
HORIZONTAL
VERTICAL
HORIZONTAL
9D
13D
6D
8D
0
0
18H
26H
12T
16T
2H
2T
0
1
36H
52H
24T
32T
4H
4T
1
0
54H
78H
36T
48T
6H
6T
1
1
72H
104H
48T
64T
8H
8T
12.8.2
COLOUR SELECTION
Colour selection is achieved using bits in the,
• OSDCA register: CC34, CC24 and CC14
• OSDCB register: CC33, CC23, CC32, CC12,
CC21, and CC11
• Display data registers: CC1 and CC0.
In this way every combination of four colours can be made
(black and white can not be displayed at the same time).
The user may choose one colour out of each block.
Table 24 shows the selection of the output combinations.
Tables 25 and 26 show the possible colour combinations.
Fig.27 Colour control.
handbook, full pagewidth
CHARACTER ROM
DISPLAY DATA
MEMORY
DISPLAY CIRCUIT
CONTROL REGISTERS
VOW3
VOB
OR
CC1
CC0
CCxx
dot
background control
VOW2
VOW1
MCD184
OUTPUT
CONTROL
LOGIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com