Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL7100 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HCPL7100
Description  High Speed CMOS Optocouplers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL7100 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HCPL7100 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL7100 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL7100 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL7100 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL7100 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL7100 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL7100 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL7100 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL7100 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
1-405
VDE 0884 (06.92) Insulation Characteristics
Description
Symbol
Characteristic
Unit
Installation classification per DIN VDE 0110, Table 1
for rated mains voltage
≤ 300 V rms
I-IV
for rated mains voltage
≤ 600 V rms
I-III
Climatic Classification
40/85/21
Pollution Degree (DIN VDE 0110, Table 1)*
2
Maximum Working Insulation Voltage
VIORM
848
V peak
Input to Output Test Voltage, Method b**
VPR = 1.875 x VIORM, Production test with tp = 1 sec,
VPR
1591
V peak
Partial discharge < 5 pC
Input to Output Test Voltage, Method a**
VPR = 1.5 x VIORM, Type and sample test, tp = 60 sec,
VPR
1273
V peak
Partial discharge < 5 pC
Highest Allowable Overvoltage**
VTR
6000
V peak
(Transient Overvoltage, tTR = 10 sec)
Safety-limiting values (Maximum values allowed in the event
of a failure, also see Figure 15)
Case Temperature
TS
175
°C
Input Power
PS,INPUT
80
mW
Output Power
PS,OUTPUT
250
mW
Insulation Resistance at TS, VIO = 500 V
RS
≥ 1 x 1012
Ω
*This part may also be used in Pollution Degree 3 environments where the rated mains voltage is
≤ 300 V rms (per DIN VDE 0110).
**Refer to the front of the optocoupler section in the current catalog for a more detailed description of VDE 0884 and other product
safety requirements.
Insulation and Safety Related Specifications
Parameter
Symbol Value Units
Conditions
Min. External Air Gap
L(IO1)
7.4
mm
Measured from input terminals to output terminals,
(External Clearance)
shortest distance through air
Min. External Tracking
L(IO2)
8.0
mm
Measured from input terminals to output terminals,
Path (External Creepage)
shortest distance path along body
Min. Internal Plastic
0.5
mm
Through insulation distance, conductor to conductor,
Gap (Internal Clearance)
usually the direct distance between the photoemitter
and photodetector inside the optocoupler cavity
Tracking Resistance
CTI
175
V
DIN IEC 112/VDE 0303 PART 1
(Comparative
Tracking Index)
Isolation Group
IIIa
Material Group (DIN VDE 0110, 1/89, Table 1)
Option 300 – surface mount classification is Class A in accordance with CECC 00802.
Note: Optocouplers providing safe electrical separation per VDE 0884 do so only within the safety-limiting values to which they are
qualified. Protective cut-out switches must be used to ensure that the safety limits are not exceeded.
VDE
Approved according to VDE
0884/06.92
Regulatory Information
The HCPL-7100/1 has been
approved by the following
organizations:
UL
Recognized under UL 1577,
Component Recognition Program,
File E55361.
CSA
Approved under CSA Component
Acceptance Notice #5, File CA
88324.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com