Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL7100 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HCPL7100
Description  High Speed CMOS Optocouplers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL7100 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HCPL7100 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL7100 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL7100 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL7100 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL7100 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL7100 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL7100 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL7100 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL7100 Datasheet HTML 12Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
1-409
Package Characteristics
Guaranteed across recommended operating conditions. Test conditions represent worst case value for the
parameter under test. Test conditions that are not specified can be anywhere within their operating range.
All typicals are at TA = 25°C and 5 V supplies unless otherwise noted.
Parameter
Sym.
Min.
Typ.
Max.
Units
Test Conditions
Fig.
Note
Input-Output
VISO
3750
V rms
t = 1 min., RH < 50%,
2, 3
Momentary
TA = 25°C
Withstand Voltage*
Input-Output
RI-O
1012
1013
Ω
TA = 25°CVI-O = 500 Vdc
2
Resistance
1011
TA =100°C
Input-Output
CI-O
0.7
pF
f = 1 MHz
2
Capacitance
*The Input-Output Momentary Withstand Voltage is a dielectric voltage rating that should not be interpreted as an input-output
continuous voltage rating. For the continuous voltage rating refer to the VDE 0884 Insulation Characteristics Table (if applicable),
your equipment level safety specification or HP Application Note 1074 entitled “Optocoupler Input-Output Endurance Voltage.”
Switching Specifications (cont.)
Guaranteed across recommended operating conditions. Test conditions represent worst case values for the
parameter under test. Test conditions that are not specified can be anywhere within their operating range. All
typicals are at 25
°C and 5 V supplies unless otherwise noted.
Parameter
Symbol
Device
Min.
Typ.
Max.
Unit
Test Conditions
Fig.
Note
Propagation
t
PHZ
12
ns
C
L = 50 pF
12
6
Delay Time from
CMOS Signal Levels
Logic High to
Output Disabled
12
ns
C
L = 15 pF
TTL Signal Levels
Propagation
t
PLZ
9ns
C
L = 50 pF
12
6
Delay Time from
CMOS Signal Levels
Logic Low to
Output Disabled
11
ns
C
L = 15 pF
TTL Signal Levels
Common Mode
|CM
H|
HCPL-7100
1000
V/
µsV
CM = 50 V
V
I = VIH
13,
10
V
D > 3.2 V
14
HCPL-7101
2000
VCM = 200 V
Common Mode
|CM
L|
HCPL-7100
1000
V/
µsV
CM = 50 V
V
I = VIL
13,
10
VD < 0.8 V
14
HCPL-7101
2000
V
CM = 200 V
Input Dynamic
C
PD1
68
pF
11
Power Dissipation
Capacitance
Output Dynamic
C
PD2
10
pF
11
Power Dissipation
Capacitance
Transient
Immunity at
Logic High
Output
Transient
Immunity at
Logic Low
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com