Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL7100 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HCPL7100
Description  High Speed CMOS Optocouplers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL7100 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HCPL7100 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL7100 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL7100 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL7100 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL7100 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL7100 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL7100 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL7100 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL7100 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
1-403
Ordering Information
HCPL-710x
0 = 15 MBd Minimum Data Rate
1 = 50 MBd Minimum Data Rate
Option yyy
300 = Gull Wing Surface Mount Lead Option
500 = Tape/Reel Package Option (1 k min.)
Option data sheets available. Contact your Hewlett-Packard sales representative or authorized distributor for
information.
Package Outline Drawings
Standard DIP Package
9.40 (0.370)
9.90 (0.390)
1.78 (0.070) MAX.
1.19 (0.047) MAX.
HP XXXX
YYWW
DATE CODE
0.76 (0.030)
1.40 (0.055)
2.28 (0.090)
2.80 (0.110)
0.51 (0.020) MIN.
0.65 (0.025) MAX.
4.70 (0.185) MAX.
2.92 (0.115) MIN.
* PIN 3 IS THE ANODE OF THE INTERNAL LED AND
MUST BE LEFT UNCONNECTED FOR GUARANTEED
DATA SHEET PERFORMANCE.
DIMENSIONS IN MILLIMETERS AND (INCHES).
5
6
7
8
4
3
2
1
0.20 (0.008)
0.33 (0.013)
6.10 (0.240)
6.60 (0.260)
5° TYP.
7.36 (0.290)
7.88 (0.310)
1
2
3
4
8
7
6
5
GND1
VDD1
VI
*
GND2
VDD2
VOE
VO
PIN ONE
TYPE NUMBER
UL
RECOGNITION
UR
* PIN 3 IS THE ANODE OF THE INTERNAL LED AND
MUST BE LEFT UNCONNECTED FOR GUARANTEED
DATA SHEET PERFORMANCE.
DIMENSIONS IN MILLIMETERS AND (INCHES).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com