Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL7100 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HCPL7100
Description  High Speed CMOS Optocouplers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL7100 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HCPL7100 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL7100 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL7100 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL7100 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL7100 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL7100 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL7100 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL7100 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL7100 Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
1-408
Parameter
Symbol
Device
Min.
Typ.
Max.
Unit
Test Conditions
Fig.
Note
Propagation
t
PHL
HCPL-7100
70
ns
CL = 50 pF
7, 8
5, 6
Delay Time
CMOS Signal Levels
to Logic
HCPL-7101
28
40
Low Output
HCPL-7100
70
ns
C
L = 15 pF
TTL Signal Levels
HCPL-7101
40
Propagation
t
PLH
HCPL-7100
70
ns
C
L = 50 pF
7, 8
5, 6
Delay Time
CMOS Signal Levels
to Logic
HCPL-7101
27
40
High Output
HCPL-7100
70
ns
C
L = 15 pF
TTL Signal Levels
HCPL-7101
40
Pulse Width
PWD
HCPL-7100
20
ns
C
L = 50 pF
7, 9
6, 7
Distortion
CMOS Signal Levels
|tPHL-tPLH|
HCPL-7101
2
6
HCPL-7100
20
ns
C
L = 15 pF
TTL Signal Levels
HCPL-7101
6
Data Rate
HCPL-7100
15
MBd
% PWD < 30%
8
HCPL-7101
50
65
Propagation
t
PSK
HCPL-7101
10
ns
10
9
Delay Skew
Output Rise
t
R
HCPL-7100
12
ns
CL = 50 pF
7
Time
CMOS Signal Levels
(10-90%)
HCPL-7101
10
Output Fall
t
F
HCPL-7100
8
ns
C
L = 50 pF
7
Time
CMOS Signal Levels
(90-10%)
HCPL-7101
7
Random Jitter
RJ
HCPL-7101
50
ps rms
V
1 = 0-5 V square wave,
f = 25 MHz, input rise/
fall time = 5 ns.
R
L = 10 kΩ,
CL = 5 pF.
TTL Threshold Levels.
Propagation
tPZH
13
ns
CL = 50 pF
12
6
Delay Time From
CMOS Signal Levels
Output Enabled
to Logic High
12
ns
C
L = 15 pF
Output
TTL Signal Levels
Propagation
t
PZL
11
ns
CL = 50 pF
12
6
Delay Time From
CMOS Signal Levels
Output Enabled
to Logic Low
10
ns
C
L = 15 pF
Output
TTL Signal Levels
Switching Specifications
Guaranteed across recommended operating conditions. Test conditions represent worst case values for the
parameter under test. Test conditions that are not specified can be anywhere within their operating range. All
typicals are at 25
°C and 5 V supplies unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com