Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL7100 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HCPL7100
Description  High Speed CMOS Optocouplers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL7100 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HCPL7100 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL7100 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL7100 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL7100 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL7100 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL7100 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL7100 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL7100 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL7100 Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
1-407
Electrical Specifications
Guaranteed across recommended operating conditions. Test conditions represent worst case values for the
parameter under test. Test conditions that are not specified can be anywhere within their operating range.
All typicals are at 25
°C and 5 V supplies unless otherwise noted.
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Fig.
Note
Logic Low Input Supply
IDD1L
5.2
10.0
mA
VDD1 = 5.5 V
1
Current
VI = VIL
Logic High Input Supply
IDD1H
0.3
0.6
mA
VI = 4.5 V
VDD1 = 5.5 V
1
0.9
1.6
VI = 2.0 V
Logic Low Output
IDD2L
5.0
9.0
mA
VDD2 = 5.5 V
Supply Current
VOE = VOEL
VI = VIL
Logic High Output
IDD2H
5.2
9.0
mA
VDD2 = 5.5 V
Supply Current
VOE = VOEL
IO = 0 mA
VI = VIH
Tri-State Output Supply
IDD2Z
5.1
9.0
mA
VOE = 4.5 V
VDD2 = 5.5 V
5.6
10.0
VOE = 2.0 V
Input Current
II
-1
1
µAV
I = VDD1 or GND
VDD1 = 5.5 V
Output Enable Current
IOE
-1
1
µAV
OE = VDD2 or GND
VDD2 = 5.5 V
Logic High Output
VOH
4.4
5.0
IO = -20 µAVDD2 = 4.5 V
6
Voltage
VI = VIH
VOE = VOEL
Logic High Output
IOH
-7.5
-25
mA
VDD2 = 4.5 V
6
Current
VO = 3.6 V
VI = VIH
VOE = VOEL
Logic Low Output
VOL
0.0
0.1
IO = 20 µAVDD2 = 4.5 V
5
Voltage
VI = VIL
VOE = VOEL
Logic Low Output
IOL
10.5
23
mA
VDD2 = 4.5 V
5
Current
VO = 0.6 V
VI = VIL
VOE = VOEL
High Impedance
IOZ
-5
5
µAV
DD2 = 5.5 V
State Output
VOE = VOEH
Current
VO = VDD2 or GND
Input Capacitance
CI
4.3
pF
f = 1 MHz
4
Input-Output
RI-O
1012
1013
Ω
TA = 25°CVI-O = 500 Vdc
2
1011
TA = 100°C
Input-Output
CI-O
0.7
pF
f = 1 MHz
2
Capacitance
*The Input-Output Momentary Withstand Voltage is a dielectric voltage rating that should not be interpreted as an input-output
continuous voltage rating. For the continuous voltage rating refer to the VDE 0884 Insulation Characteristics Table (if applicable),
your equipment level safety specification, or HP Application Note 1074, “Optocoupler Input-Output Endurance Voltage.”
Current
3.7
4.7
I
O = -6.0 mA
0.15
0.4
I
O = 6.0 mA
Resistance
Current
4.0
4.8
V
I
O = -4.0 mA
0.1
0.3
V
I
O = 4.0 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com