Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM78 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # HM78
Description  Shielded Surface Mount Inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HM78 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  HM78 Datasheet HTML 1Page - List of Unclassifed Manufacturers HM78 Datasheet HTML 2Page - List of Unclassifed Manufacturers HM78 Datasheet HTML 3Page - List of Unclassifed Manufacturers HM78 Datasheet HTML 4Page - List of Unclassifed Manufacturers HM78 Datasheet HTML 5Page - List of Unclassifed Manufacturers HM78 Datasheet HTML 6Page - List of Unclassifed Manufacturers HM78 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
6
6-143
Model HM78 Series
DC
Rated
Part
Inductance
Resistance
Current
Number
µH ± 20% (1)
Ω Max.
Amps (2)
Figure
HM78-10100
10
0.14
1.00
1
HM78-10120
12
0.16
0.94
1
HM78-10150
15
0.18
0.86
1
HM78-10180
18
0.25
0.78
1
HM78-10220
22
0.32
0.76
1
HM78-10270
27
0.36
0.64
1
HM78-10330
33
0.41
0.61
1
HM78-10390
39
0.47
0.53
1
HM78-10470
47
0.51
0.50
1
HM78-10560
56
0.72
0.46
1
HM78-10680
68
0.82
0.42
1
HM78-20100
10
0.07
1.65
1
HM78-20120
12
0.08
1.50
1
HM78-20150
15
0.09
1.34
1
HM78-20180
18
0.11
1.22
1
HM78-20220
22
0.12
1.10
1
HM78-20270
27
0.17
1.00
1
HM78-20330
33
0.19
0.90
1
HM78-20390
39
0.21
0.83
1
HM78-20470
47
0.24
0.75
1
HM78-20560
56
0.32
0.69
1
HM78-20680
68
0.37
0.63
1
HM78-20820
82
0.40
0.57
1
HM78-20101
100
0.54
0.52
1
HM78-20121
120
0.62
0.47
1
HM78-20151
150
0.86
0.42
1
HM78-20181
180
0.97
0.38
1
HM78-20221
220
1.31
0.35
1
HM78-20271
270
1.46
0.31
1
HM78-30100
10
0.08
1.68
2
HM78-30120
12
0.11
1.52
2
HM78-30150
15
0.13
1.33
2
HM78-30180
18
0.15
1.20
2
HM78-30220
22
0.20
1.07
2
HM78-30270
27
0.22
0.96
2
HM78-30330
33
0.25
0.91
2
SPECIFICATIONS
Notes: 1. Inductance measured at 1.0kHz without DC current.
2. Rated DC current is the approximate current at which inductance will be decreased by 10% from its initial (zero DC) value
or the DC current at which
∆T = 40°C, whichever is lower.
3. Part numbers which appear in bold print are standard items and generally available from factory stock.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com