Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM78 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # HM78
Description  Shielded Surface Mount Inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HM78 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  HM78 Datasheet HTML 1Page - List of Unclassifed Manufacturers HM78 Datasheet HTML 2Page - List of Unclassifed Manufacturers HM78 Datasheet HTML 3Page - List of Unclassifed Manufacturers HM78 Datasheet HTML 4Page - List of Unclassifed Manufacturers HM78 Datasheet HTML 5Page - List of Unclassifed Manufacturers HM78 Datasheet HTML 6Page - List of Unclassifed Manufacturers HM78 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
6-144
Model HM78 Series
DC
Rated
Part
Inductance
Resistance
Current
Number
µH ± 20% (1)
Ω Max.
Amps (2)
Figure
HM78-30390
39
0.34
0.77
2
HM78-30470
47
0.39
0.76
2
HM78-30560
56
0.50
0.68
2
HM78-30680
68
0.55
0.61
2
HM78-30820
82
0.74
0.57
2
HM78-30101
100
0.84
0.50
2
HM78-30121
120
0.96
0.49
2
HM78-30151
150
1.42
0.43
2
HM78-30181
180
1.62
0.39
2
HM78-30221
220
1.84
0.35
2
HM78-30271
270
2.59
0.32
2
HM78-30331
330
2.93
0.28
2
HM78-30391
390
3.29
0.26
2
HM78-30471
470
4.67
0.24
2
HM78-40100
10
0.059
1.84
2
HM78-40120
12
0.068
1.71
2
HM78-40150
15
0.081
1.47
2
HM78-40180
18
0.091
1.31
2
HM78-40220
22
0.11
1.23
2
HM78-40270
27
0.15
1.12
2
HM78-40330
33
0.17
0.96
2
HM78-40390
39
0.23
0.91
2
HM78-40470
47
0.26
0.88
2
HM78-40560
56
0.35
0.75
2
HM78-40680
68
0.38
0.69
2
HM78-40820
82
0.43
0.61
2
HM78-40101
100
0.61
0.60
2
HM78-40121
120
0.66
0.52
2
HM78-40151
150
0.88
0.46
2
HM78-40181
180
0.98
0.42
2
HM78-40221
220
1.17
0.36
2
HM78-40271
270
1.64
0.34
2
HM78-40331
330
1.86
0.32
2
HM78-40391
390
2.85
0.29
2
HM78-40471
470
3.01
0.26
2
HM78-40561
560
3.62
0.23
2
HM78-40681
680
4.63
0.22
2
HM78-40821
820
5.20
0.20
2
HM78-453R9
3.9
0.015
6.5
3
HM78-454R7
4.7
0.018
5.7
3
HM78-456R8
6.8
0.023
4.9
3
SPECIFICATIONS
Notes: 1. Inductance measured at 1.0kHz without DC current.
2. Rated DC current is the approximate current at which inductance will be decreased by 10% from its initial (zero DC) value
or the DC current at which
∆T = 40°C, whichever is lower.
3. Part numbers which appear in bold print are standard items and generally available from factory stock.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com