Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM78 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HM78
Description  Shielded Surface Mount Inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HM78 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HM78 Datasheet HTML 1Page - List of Unclassifed Manufacturers HM78 Datasheet HTML 2Page - List of Unclassifed Manufacturers HM78 Datasheet HTML 3Page - List of Unclassifed Manufacturers HM78 Datasheet HTML 4Page - List of Unclassifed Manufacturers HM78 Datasheet HTML 5Page - List of Unclassifed Manufacturers HM78 Datasheet HTML 6Page - List of Unclassifed Manufacturers HM78 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
6
6-141
Model HM78 Series
• Magnetic shielded construction for high density board assembly
• High performance, low loss ferrite core is excellent for high frequency applications
• Low profile designed for machine placement
• 10µH to 1,000µH inductance range
• Up to 12 amps continuous
• Compatible with vapor phase and infrared reflow soldering
• Two styles available
• Custom designs available
Operating Temperature Range
-25°C to +125°C
Storage Temperature Range
-40°C to +85°C
Ambient Temperature, Maximum
80°C
Insulation System
Class B, 130°C
Temperature Rise, Maximum
40°C
Specifications subject to change without notice.
Last update: 05/01/02.
MODEL HM78 SERIES
Shielded
Surface Mount
Inductors
NEW PRODUCT
FEATURES AND BENEFITS
APPLICATIONS
• Laptop and notebook computers, PDAs
• DC/DC converter in distributed power system and hand held equipment
• Inductor for general purpose
ELECTRICAL / ENVIRONMENTAL


Similar Part No. - HM78

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM78 BITECH-HM78 Datasheet
845Kb / 3P
Shielded Surface Mount Inductors
logo
TT Electronics.
HM78 TTELEC-HM78 Datasheet
690Kb / 3P
Shielded Surface Mount Inductors
logo
Bi technologies
HM78-10100LF BITECH-HM78-10100LF Datasheet
845Kb / 3P
Shielded Surface Mount Inductors
HM78-10100LF BITECH-HM78-10100LF Datasheet
663Kb / 3P
Shielded Surface Mount Inductors
logo
TT Electronics.
HM78-10100LF TTELEC-HM78-10100LF Datasheet
690Kb / 3P
Shielded Surface Mount Inductors
More results

Similar Description - HM78

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPD127 ETC1-SPD127 Datasheet
24Kb / 1P
Shielded Surface Mount Inductors
SPD62 ETC1-SPD62 Datasheet
23Kb / 1P
Shielded Surface Mount Inductors
logo
API Delevan
S1008 API-S1008 Datasheet
28Kb / 1P
Shielded Surface Mount Inductors
S1210 API-S1210 Datasheet
33Kb / 1P
Shielded Surface Mount Inductors
logo
Bi technologies
HM78 BITECH-HM78 Datasheet
845Kb / 3P
Shielded Surface Mount Inductors
logo
Murata Manufacturing Co...
KMP_2900 MURATA-KMP_2900 Datasheet
154Kb / 3P
Shielded Surface Mount Inductors
logo
API Delevan
SPD125R API-SPD125R Datasheet
1Mb / 1P
Shielded Surface Mount Inductors
1331R-681J API-1331R-681J Datasheet
1Mb / 1P
Shielded Surface Mount Inductors
logo
Bi technologies
HM78D BITECH-HM78D Datasheet
614Kb / 4P
Shielded Surface Mount Inductors
logo
TT Electronics.
HM78D TTELEC-HM78D Datasheet
704Kb / 2P
Shielded Surface Mount Inductors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com