Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM78 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # HM78
Description  Shielded Surface Mount Inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HM78 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  HM78 Datasheet HTML 1Page - List of Unclassifed Manufacturers HM78 Datasheet HTML 2Page - List of Unclassifed Manufacturers HM78 Datasheet HTML 3Page - List of Unclassifed Manufacturers HM78 Datasheet HTML 4Page - List of Unclassifed Manufacturers HM78 Datasheet HTML 5Page - List of Unclassifed Manufacturers HM78 Datasheet HTML 6Page - List of Unclassifed Manufacturers HM78 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
PACKAGING
Standard: Embossed Tape & Reel
Reel
Diameter
=
13” (330mm)
Capacity:
Case sizes 10, 20, 30, 40
=
1,000 Units
Case sizes 45, 50, 60
=
500 Units
6-146
Model HM78 Series
DC
Rated
Part
Inductance
Resistance
Current
Number
µH ± 20% (1)
Ω Max.
Amps (2)
Figure
HM78-50271
270
0.46
0.75
3
HM78-50331
330
0.51
0.68
3
HM78-50391
390
0.69
0.65
3
HM78-50471
470
0.77
0.58
3
HM78-50561
560
0.88
0.54
3
HM78-50681
680
1.20
0.48
3
HM78-50821
820
1.34
0.43
3
HM78-50102
1000
1.53
0.40
3
HM78-601R4
1.4
.0052
12.0
3
HM78-602R4
2.4
0.011
8.0
3
HM78-604R7
4.7
0.016
6.8
3
HM78-607R6
7.6
0.02
5.9
3
HM78-60100
10
0.022
5.4
3
HM78-60120
12
0.025
4.9
3
HM78-60150
15
0.027
4.5
3
HM78-60180
18
0.039
3.9
3
HM78-60220
22
0.043
3.6
3
HM78-60270
27
0.046
3.4
3
HM78-60330
33
0.065
3.0
3
HM78-60390
39
0.073
2.75
3
HM78-60470
47
0.10
2.5
3
SPECIFICATIONS
Notes: 1. Inductance measured at 1.0kHz without DC current.
2. Rated DC current is the approximate current at which inductance will be decreased by 10% from its initial (zero DC) value
or the DC current at which
∆T = 40°C, whichever is lower.
3. Part numbers which appear in bold print are standard items and generally available from factory stock.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com