Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM78 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # HM78
Description  Shielded Surface Mount Inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HM78 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  HM78 Datasheet HTML 1Page - List of Unclassifed Manufacturers HM78 Datasheet HTML 2Page - List of Unclassifed Manufacturers HM78 Datasheet HTML 3Page - List of Unclassifed Manufacturers HM78 Datasheet HTML 4Page - List of Unclassifed Manufacturers HM78 Datasheet HTML 5Page - List of Unclassifed Manufacturers HM78 Datasheet HTML 6Page - List of Unclassifed Manufacturers HM78 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
6
6-145
Model HM78 Series
DC
Rated
Part
Inductance
Resistance
Current
Number
µH ± 20% (1)
Ω Max.
Amps (2)
Figure
HM78-45100
10
0.028
4.5
3
HM78-45120
12
0.038
4.0
3
HM78-45150
15
0.050
3.2
3
HM78-45180
18
0.057
3.1
3
HM78-45220
22
0.066
2.9
3
HM78-45270
27
0.080
2.8
3
HM78-45330
33
0.097
2.7
3
HM78-45390
39
0.132
2.1
3
HM78-45470
47
0.150
1.9
3
HM78-45560
56
0.190
1.8
3
HM78-45680
68
0.220
1.5
3
HM78-45820
82
0.260
1.3
3
HM78-45101
100
0.308
1.2
3
HM78-45121
120
0.380
1.1
3
HM78-45151
150
0.530
0.95
3
HM78-45181
180
0.620
0.85
3
HM78-45221
220
0.700
0.80
3
HM78-45271
270
0.876
0.60
3
HM78-45331
330
0.990
0.50
3
HM78-501R0
1.0
0.0083
9.5
3
HM78-501R8
1.8
0.0087
8.0
3
HM78-503R3
3.3
0.0131
7.0
3
HM78-504R5
4.5
0.0154
6.0
3
HM78-507R0
7.0
0.0214
5.5
3
HM78-50100
10
0.025
4.0
3
HM78-50120
12
0.027
3.5
3
HM78-50150
15
0.030
3.3
3
HM78-50180
18
0.038
3.0
3
HM78-50220
22
0.045
2.8
3
HM78-50270
27
0.055
2.3
3
HM78-50330
33
0.063
2.1
3
HM78-50390
39
0.075
2.0
3
HM78-50470
47
0.085
1.8
3
HM78-50560
56
0.11
1.7
3
HM78-50680
68
0.12
1.5
3
HM78-50820
82
0.14
1.4
3
HM78-50101
100
0.165
1.3
3
HM78-50121
120
0.195
1.1
3
HM78-50151
150
0.25
1.0
3
HM78-50181
180
0.29
0.9
3
HM78-50221
220
0.40
0.8
3
SPECIFICATIONS
Notes: 1. Inductance measured at 1.0kHz without DC current.
2. Rated DC current is the approximate current at which inductance will be decreased by 10% from its initial (zero DC) value
or the DC current at which
∆T = 40°C, whichever is lower.
3. Part numbers which appear in bold print are standard items and generally available from factory stock.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com