Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5721 Datasheet(PDF) 5 Page - Analog Devices

Part # ADL5721
Description  Point to point microwave radios
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5721 Datasheet(HTML) 5 Page - Analog Devices

  ADL5721 Datasheet HTML 1Page - Analog Devices ADL5721 Datasheet HTML 2Page - Analog Devices ADL5721 Datasheet HTML 3Page - Analog Devices ADL5721 Datasheet HTML 4Page - Analog Devices ADL5721 Datasheet HTML 5Page - Analog Devices ADL5721 Datasheet HTML 6Page - Analog Devices ADL5721 Datasheet HTML 7Page - Analog Devices ADL5721 Datasheet HTML 8Page - Analog Devices ADL5721 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADL5721
Data Sheet
Rev. 0 | Page 4 of 15
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Supply Voltages
VCC1
2.25 V
VCC2
4.1 V
Maximum Junction Temperature
150°C
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−55°C to +125°C
Lead Temperature Range (Soldering 60 sec)
−65°C to +150°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
θJA is thermal resistance, junction to ambient (°C/W), θJB is
thermal resistance, junction to board (°C/W), and θJC is thermal
resistance, junction to case (°C/W).
Table 4. Thermal Resistance
Package Type
θJA1
θJB1
θJC1
Unit
8-Lead LFCSP
39.90
23.88
3.71
°C/W
1
See JEDEC standard JESD51-2 for additional information on optimizing the
thermal impedance for a printed circuit board (PCB) with 3 × 4 vias.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com