Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5721 Datasheet(PDF) 9 Page - Analog Devices

Part # ADL5721
Description  Point to point microwave radios
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5721 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADL5721 Datasheet HTML 5Page - Analog Devices ADL5721 Datasheet HTML 6Page - Analog Devices ADL5721 Datasheet HTML 7Page - Analog Devices ADL5721 Datasheet HTML 8Page - Analog Devices ADL5721 Datasheet HTML 9Page - Analog Devices ADL5721 Datasheet HTML 10Page - Analog Devices ADL5721 Datasheet HTML 11Page - Analog Devices ADL5721 Datasheet HTML 12Page - Analog Devices ADL5721 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADL5721
Data Sheet
Rev. 0 | Page 8 of 15
HIGH BAND (BAND = 1.8 V)
0
5
10
15
20
25
30
35
7.1 7.2 7.3 7.4 7.5 7.6 7.7 7.8 7.9 8.0 8.1 8.2 8.3 8.4 8.5
FREQUENCY (GHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 13. Gain vs. Frequency for Various Temperatures
0
5
10
15
20
25
30
35
7.1 7.2 7.3 7.4 7.5 7.6 7.7 7.8 7.9 8.0 8.1 8.2 8.3 8.4 8.5
FREQUENCY (GHz)
3.1V/1.65V
3.3V/1.8V
3.5V/1.95V
Figure 14. Gain vs. Frequency for Various Supply Voltages
0
1
2
3
4
5
6
7
8
9
10
7.1 7.2 7.3 7.4 7.5 7.6 7.7 7.8 7.9 8.0 8.1 8.2 8.3 8.4 8.5
FREQUENCY (GHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 15. Nosie Figure vs. Frequency for Various Temperatures
0
2
4
6
8
10
9
7
5
3
1
7.1 7.2 7.3 7.4 7.5 7.6 7.7 7.8 7.9 8.0 8.1 8.2 8.3 8.4 8.5
FREQUENCY (GHz)
3.1V/1.65V
3.3V/1.8V
3.5V/1.95V
Figure 16. Noise Figure vs. Frequency for Various Supply Voltages
–30
–25
–20
–15
–10
–5
0
7.1 7.2 7.3 7.4 7.5 7.6 7.7 7.8 7.9 8.0 8.1 8.2 8.3 8.4 8.5
FREQUENCY (GHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 17. Input P1dB vs. Frequency for Various Temperatures
–30
–25
–20
–15
–10
–5
0
7.1 7.2 7.3 7.4 7.5 7.6 7.7 7.8 7.9 8.0 8.1 8.2 8.3 8.4 8.5
FREQUENCY (GHz)
3.1V/1.65V
3.3V/1.8V
3.5V/1.95V
Figure 18. Input P1dB vs. Frequency for Various Supply Voltages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com