Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5721 Datasheet(PDF) 7 Page - Analog Devices

Part # ADL5721
Description  Point to point microwave radios
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5721 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADL5721 Datasheet HTML 3Page - Analog Devices ADL5721 Datasheet HTML 4Page - Analog Devices ADL5721 Datasheet HTML 5Page - Analog Devices ADL5721 Datasheet HTML 6Page - Analog Devices ADL5721 Datasheet HTML 7Page - Analog Devices ADL5721 Datasheet HTML 8Page - Analog Devices ADL5721 Datasheet HTML 9Page - Analog Devices ADL5721 Datasheet HTML 10Page - Analog Devices ADL5721 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADL5721
Data Sheet
Rev. 0 | Page 6 of 15
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, VCC1 = 1.8 V, VCC2 = 3.3 V, ZSOURCE = 50 Ω, ZLOAD = 100 Ω differential, unless otherwise noted.
LOW BAND (BAND = 0 V)
0
5
10
15
20
25
30
35
5.9
6.0
6.1
6.2
6.3
6.4
6.5
6.6
6.7
6.8
6.9
7.0
7.1
7.2
FREQUENCY (GHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 3. Gain vs. Frequency for Various Temperatures
0
5
10
15
20
25
30
35
5.9
6.0
6.1
6.2
6.3
6.4
6.5
6.6
6.7
6.8
6.9
7.0
7.1
7.2
FREQUENCY (GHz)
3.1V/1.65V
3.3V/1.8V
3.5V/1.95V
Figure 4. Gain vs. Frequency for Various Supply Voltages
0
1
2
3
4
5
6
7
8
9
10
5.9 6.0 6.1 6.2 6.3 6.4 6.5 6.6 6.7 6.8 6.9 7.0 7.1 7.2
FREQUENCY (GHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 5. Nosie Figure vs. Frequency for Various Temperatures
0
1
2
3
4
5
6
7
8
9
10
5.9
6.0
6.1
6.2
6.3
6.4
6.5
6.6
6.7
6.8
6.9
7.0
7.1
7.2
FREQUENCY (GHz)
3.1V/1.65V
3.3V/1.8V
3.5V/1.95V
Figure 6. Noise Figure vs. Frequency for Various Supply Voltages
–30
–25
–20
–15
–10
–5
0
5.9
6.0
6.1
6.2
6.3
6.4
6.5
6.6
6.7
6.8
6.9
7.0
7.1
7.2
FREQUENCY (GHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 7. Input P1dB vs. Frequency for Various Temperatures
–30
–25
–20
–15
–10
–5
0
5.9 6.0
6.1 6.2 6.3 6.4 6.5 6.6 6.7 6.8 6.9 7.0 7.1 7.2
FREQUENCY (GHz)
3.1V/1.65V
3.3V/1.8V
3.5V/1.95V
Figure 8. Input P1dB vs. Frequency for Various Supply Voltages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com