Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5721 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL5721
Description  Point to point microwave radios
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5721 Datasheet(HTML) 1 Page - Analog Devices

  ADL5721 Datasheet HTML 1Page - Analog Devices ADL5721 Datasheet HTML 2Page - Analog Devices ADL5721 Datasheet HTML 3Page - Analog Devices ADL5721 Datasheet HTML 4Page - Analog Devices ADL5721 Datasheet HTML 5Page - Analog Devices ADL5721 Datasheet HTML 6Page - Analog Devices ADL5721 Datasheet HTML 7Page - Analog Devices ADL5721 Datasheet HTML 8Page - Analog Devices ADL5721 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
5.9 GHz to 8.5 GHz, Low Noise Amplifier
Data Sheet
ADL5721
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Frequency range: 5.9 GHz to 8.5 GHz
Typical gain of 25 dB
Low noise input
Noise figure: <1.7 dB typical from 5.9 GHz to 8.5 GHz
High linearity input
>4.0 dBm typical input third-order intercept (IIP3)
>−10.6 dBm typical input 1 dB compression point (P1dB)
Matched 50 Ω single-ended input
Matched 100 Ω differential outputs
8-lead, 2.00 mm × 2.00 mm LFCSP microwave packaging
APPLICATIONS
Point to point microwave radios
Instrumentation
Satellite communications (SATCOM)
Phased arrays
FUNCTIONAL BLOCK DIAGRAM
50
Ω
SINGLE-ENDED
100Ω
DIFFERENTIAL
GND
INPT
RBIAS
VCC1
OUTN
OUTP
BAND
VCC2
ADL5721
Figure 1.
GENERAL DESCRIPTION
The ADL5721 is a narrow-band, high performance, low noise
amplifier targeting microwave radio link receiver designs. The
monolithic silicon germanium (SiGe) design is optimized for
microwave radio link bands ranging from 5.9 GHz to 8.5 GHz.
The unique design offers a single-ended 50 Ω input impedance
and provides a 100 Ω balanced differential output that is ideal
for driving Analog Devices, Inc., differential downconverters
and radio frequency (RF) sampling analog-to-digital converters
(ADCs). This low noise amplifier (LNA) provides noise figure
performance that, in the past, required more expensive three-
five (III-V) compounds process technology to achieve. This
LNA uses a band switch feature to allow the input P1dB and
noise figure to trade off for optimum system performance.
The ADL5721 and ADL5723 to ADL5726 family of narrow-
band LNAs are each packaged in a tiny, thermally enhanced,
2.00 mm × 2.00 mm LFCSP package. The ADL5721 and
ADL5723 to ADL5726 family operates over the temperature
range of −40°C to +85°C.


Similar Part No. - ADL5721

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5723 AD-ADL5723 Datasheet
388Kb / 13P
High linearity input
Rev. 0
ADL5723-EVALZ AD-ADL5723-EVALZ Datasheet
388Kb / 13P
High linearity input
Rev. 0
ADL5723ACPZN-R7 AD-ADL5723ACPZN-R7 Datasheet
388Kb / 13P
High linearity input
Rev. 0
ADL5724 AD-ADL5724 Datasheet
431Kb / 13P
Satellite communications
Rev. 0
ADL5724-EVALZ AD-ADL5724-EVALZ Datasheet
431Kb / 13P
Satellite communications
Rev. 0
More results

Similar Description - ADL5721

ManufacturerPart #DatasheetDescription
logo
Micross Components
HMC143 MICROSS-HMC143 Datasheet
823Kb / 11P
Microwave Point-to-Point Radios
HMC258 MICROSS-HMC258 Datasheet
900Kb / 9P
Microwave Point-to-Point Radios
HMC264 MICROSS-HMC264 Datasheet
984Kb / 11P
Microwave Point-to-Point Radios
HMC265 MICROSS-HMC265 Datasheet
911Kb / 9P
Microwave Point-to-Point Radios
HMC329 MICROSS-HMC329 Datasheet
859Kb / 9P
Microwave Point-to-Point Radios
HMC560 MICROSS-HMC560 Datasheet
1,004Kb / 9P
Microwave Point-to-Point Radios
logo
Analog Devices
ADL5725 AD-ADL5725 Datasheet
437Kb / 13P
Point to point microwave radios
Rev. 0
ADL5726 AD-ADL5726 Datasheet
353Kb / 13P
Point to point microwave radios
Rev. A
HMC342 AD-HMC342 Datasheet
308Kb / 6P
Microwave Point-to-Point Radios
HMC753 AD-HMC753 Datasheet
429Kb / 14P
Point to point radios
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com