Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5721 Datasheet(PDF) 11 Page - Analog Devices

Part # ADL5721
Description  Point to point microwave radios
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5721 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADL5721 Datasheet HTML 7Page - Analog Devices ADL5721 Datasheet HTML 8Page - Analog Devices ADL5721 Datasheet HTML 9Page - Analog Devices ADL5721 Datasheet HTML 10Page - Analog Devices ADL5721 Datasheet HTML 11Page - Analog Devices ADL5721 Datasheet HTML 12Page - Analog Devices ADL5721 Datasheet HTML 13Page - Analog Devices ADL5721 Datasheet HTML 14Page - Analog Devices ADL5721 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADL5721
Data Sheet
Rev. 0 | Page 10 of 15
THEORY OF OPERATION
The ADL5721 is a narrow-band, high performance, low noise
amplifier targeting microwave radio link receiver designs. The
monolithic SiGe design is optimized for microwave radio link
bands ranging from 5.9 GHz to 8.5 GHz.
The unique design of the ADL5721 offers a single-ended 50 Ω
input impedance and provides a 100 Ω balanced differential
output. This LNA is ideal for driving Analog Devices differential
downconverters and RF sampling ADCs.
The ADL5721 provides cost-effective noise figure performance
without requiring more expensive III-V compounds process
technology.
This LNA uses a band switch feature to allow the input P1dB
and noise figure to trade off for optimum system performance.
The BAND pin allows the user to select between two frequency
ranges. A logic low of 0 V on the BAND pin selects the lower
frequency range from 5.9 GHz to 7.2 GHz, whereas a logic high
of 1.8 V selects the higher frequency range from 7.1 GHz to
8.5 GHz.
The ADL5721 is available in an 8-lead, 2.00 mm × 2.00 mm
LFCSP package, and operates over the temperature range of
−40°C to +85°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com