Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8222ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8222ACPZ-R7
Description  Precision, Dual-Channel Instrumentation Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8222ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  AD8222ACPZ-R7 Datasheet HTML 1Page - Analog Devices AD8222ACPZ-R7 Datasheet HTML 2Page - Analog Devices AD8222ACPZ-R7 Datasheet HTML 3Page - Analog Devices AD8222ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8222ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8222ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8222ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8222ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8222ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Precision, Dual-Channel
Instrumentation Amplifier
Data Sheet
AD8222
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2006–2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Two channels in small 4 mm × 4 mm LFCSP
Gain set with 1 resistor per amplifier (G = 1 to 10,000)
Low noise
8 nV/√Hz at 1 kHz
0.25 µV p-p (0.1 Hz to 10 Hz)
High accuracy dc performance (B grade)
60 µV maximum input offset voltage
0.3 µV/°C maximum input offset drift
1.0 nA maximum input bias current
126 dB minimum CMRR (G = 100)
Excellent ac performance
140 kHz bandwidth (G = 100)
13 µs settling time to 0.001%
Differential output option (single channel)
Fully specified
Adjustable common-mode output
Supply range: ±2.3 V to ±18 V
APPLICATIONS
Multichannel data acquisition for
ECG and medical instrumentation
Industrial process controls
Wheatstone bridge sensors
Differential drives for
High resolution input ADCs
Remote sensors
GENERAL DESCRIPTION
The AD8222 is a dual-channel, high performance instrumentation
amplifier that requires only one external resistor per amplifier
to set gains of 1 to 10,000.
The AD8222 is the first dual-instrumentation amplifier in the
small 4 mm × 4mm LFCSP. It requires the same board area as a
typical single instrumentation amplifier. The smaller package
allows a 2× increase in channel density and a lower cost per
channel, all with no compromise in performance.
The AD8222 can also be configured as a single-channel, differen-
tial output instrumentation amplifier. Differential outputs provide
high noise immunity, which can be useful when the output
signal must travel through a noisy environment, such as with
remote sensors. The configuration can also be used to drive
differential input analog-to-digital converters (ADCs). The
FUNCTIONAL BLOCK DIAGRAM
AD8222
1
2
3
4
12
11
10
9
5
6
7
8
13
14
15
16
–IN1
RG1
RG1
+IN1
–IN2
RG2
RG2
+IN2
Figure 1.
AD8222 maintains a minimum CMRR of 80 dB to 4 kHz for all
grades at G = 1. High CMRR over frequency allows the AD8222
to reject wideband interference and line harmonics, greatly
simplifying filter requirements. The AD8222 also has a typical
CMRR drift over temperature of just 0.07 µV/V/°C at G = 1.
The AD8222 operates on both single and dual supplies and only
requires 2.2 mA maximum supply current for both amplifiers.
It is specified over the industrial temperature range of −40°C to
+85°C and is fully RoHS compliant.
For a single-channel version, see the AD8221.
Table 1. Instrumentation Amplifiers by Category1
General-
Purpose
Zero Drift
Military
Grade
Low
Power
High
Speed PGA
AD8220
AD8231
AD620
AD8235
AD8250
AD8221
AD8290
AD621
AD8236
AD8251
AD8222
AD8293G80
AD524
AD627
AD8253
AD8224
AD8553
AD526
AD623
AD8228
AD8556
AD624
AD8223
AD8295
AD8557
AD8226
AD8227
1
See www.analog.com for the latest selection of instrumentation amplifiers.


Similar Part No. - AD8222ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8222ACPZ-R7 AD-AD8222ACPZ-R7 Datasheet
595Kb / 24P
Precision, Dual-Channel Instrumentation Amplifier
7/06-Revision 0
AD8222ACPZ-R7 AD-AD8222ACPZ-R7 Datasheet
417Kb / 24P
Precision, Dual-Channel Instrumentation Amplifier
REV. A
More results

Similar Description - AD8222ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD624 AD-AD624 Datasheet
691Kb / 15P
Precision Instrumentation Amplifier
REV.C
logo
Burr-Brown (TI)
INA115 BURR-BROWN-INA115 Datasheet
211Kb / 11P
Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8222 AD-AD8222 Datasheet
595Kb / 24P
Precision, Dual-Channel Instrumentation Amplifier
7/06-Revision 0
logo
Burr-Brown (TI)
INA114AG BURR-BROWN-INA114AG Datasheet
430Kb / 13P
Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8222ACPZ-R7 AD-AD8222ACPZ-R7 Datasheet
417Kb / 24P
Precision, Dual-Channel Instrumentation Amplifier
REV. A
AD620MIL AD-AD620MIL_15 Datasheet
1Mb / 4P
PRECISION INSTRUMENTATION AMPLIFIER
REV. A
AD8222 AD-AD8222_15 Datasheet
417Kb / 24P
Precision, Dual-Channel Instrumentation Amplifier
REV. A
AD8221 AD-AD8221_15 Datasheet
512Kb / 24P
Precision Instrumentation Amplifier
REV. C
logo
Texas Instruments
INA114 TI1-INA114 Datasheet
758Kb / 17P
Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD624 AD-AD624_16 Datasheet
468Kb / 17P
Precision Instrumentation Amplifier
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com