Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8222ACPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8222ACPZ-R7
Description  Precision, Dual-Channel Instrumentation Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8222ACPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8222ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8222ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8222ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8222ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8222ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8222ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8222ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8222ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD8222ACPZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
AD8222
Data Sheet
Rev. B | Page 14 of 24
15
10
5
0
0
5
10
15
20
OUTPUT VOLTAGE STEP SIZE (V)
SETTLED TO 0.01%
SETTLED TO 0.001%
Figure 40. Settling Time vs. Step Size (G = 1)
1
10
100
SETTLED TO 0.01%
SETTLED TO 0.001%
1k
GAIN
1k
10
100
1
Figure 41. Settling Time vs. Gain for a 10 V Step
200
180
160
140
120
100
80
60
11M
100k
10k
1k
100
10
FREQUENCY (Hz)
GAIN = 1
GAIN = 1000
SOURCE VOUT
SMALLER TO
AVOID SLEW
RATE LIMIT
SOURCE
VOUT = 20V p-p
THERMAL CROSSTALK
VARIES WITH LOAD
Figure 42. Channel Separation vs. Frequency, RL = 2 kΩ, Source Channel at G = 1
100
10k
1k
100k
1M
10M
FREQUENCY (Hz)
60
–40
–20
0
20
40
GAIN = 1000
GAIN = 100
GAIN = 10
GAIN = 1
Figure 43. Differential Output Configuration: Gain vs. Frequency
1
10k
1k
100
10
100k
1M
FREQUENCY (Hz)
100
90
80
70
60
50
40
30
20
10
0
LIMITED BY
MEASUREMENT
SYSTEM
OUTPUT BALANCE = 20 log
VDIFF_OUT
VCM_OUT
Figure 44. Differential Output Configuration:
Output Balance vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com