Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8222ACPZ-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # AD8222ACPZ-R7
Description  Precision, Dual-Channel Instrumentation Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8222ACPZ-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8222ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8222ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD8222ACPZ-R7 Datasheet HTML 19Page - Analog Devices AD8222ACPZ-R7 Datasheet HTML 20Page - Analog Devices AD8222ACPZ-R7 Datasheet HTML 21Page - Analog Devices AD8222ACPZ-R7 Datasheet HTML 22Page - Analog Devices AD8222ACPZ-R7 Datasheet HTML 23Page - Analog Devices AD8222ACPZ-R7 Datasheet HTML 24Page - Analog Devices AD8222ACPZ-R7 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
AD8222
Data Sheet
Rev. B | Page 20 of 24
AD8222
(DIFF OUT)
100pF
NPO
5%
100pF
NPO
5%
1000pF
–IN
+IN
0.1µF
10µF
0.1µF
10µF
–12V
+12V
1kΩ
1kΩ
+
+
IN+
VDD
GND
REF
10µF
X5R
AD7688
IN–
0.1µF
+5V
ADR435
GND
VIN
VOUT
0.1µF
+12V
0.1µF
+5V REF
+IN2
REF2
+5V REF
+OUT
–OUT
1kΩ
2200pF
2200pF
1kΩ
Figure 52. Driving a Differential ADC
DRIVING A DIFFERENTIAL INPUT ADC
The AD8222 can be configured in differential output mode
to drive a differential analog-to-digital converter. Figure 52
illustrates several of the concepts.
RFI and Antialiasing Filter
The 1 kΩ resistors, 1000 pF capacitor, and 100 pF capacitors in
front of the in-amp form filter circuitry that performs many
functions. The 1 kΩ and 100 pF capacitors form common-mode
filters that protect the amplifier from incoming radio frequency
signals. Without the filtering, these RFI signals can be rectified
in the in-amp. The 1 kΩ resistors provide some overvoltage
protection. The 1 kΩ resistors and 1000 pF capacitor form a
76 kHz antialiasing filter for the ADC.
Note that the 100 pF capacitors are 5% COG/NPO types. These
capacitors match well over time and temperature, which keeps
the system CMRR high over frequency.
Second Antialiasing Filter
A 1 kΩ resistor and 2200 pF capacitor are placed between each
AD8222 output and ADC input. They create a 72 kHz low-pass
filter for another stage of antialiasing protection.
These four elements also improve distortion performance. The
2200 pF capacitor provides charge to the switched capacitor
front end of the ADC, and the 1 kΩ resistor shields the AD8222
from driving any sharp current changes. If the application
requires a lower frequency antialiasing filter and is distortion
sensitive, increase the value of the capacitor rather than the
resistor.
The 1 kΩ resistors can also protect an ADC from overvoltages.
Because the AD8222 runs on wider supply voltages than a
typical ADC, there is a possibility of overdriving the ADC. This
is not an issue with a PulSAR® converter, such as the AD7688.
Its input can handle a 130 mA overdrive, which is much higher
than the short-circuit limit of the AD8222. However, other conver-
ters have less robust inputs and may need the added protection.
Reference
The ADR435 supplies a reference voltage to both the ADC and
the AD8222. Because REF2 on the AD8222 is grounded, the
common-mode output voltage is precisely half the reference
voltage, exactly where it needs to be for the ADC.
PRECISION STRAIN GAGE
The low offset and high CMRR over frequency of the AD8222
make it an excellent candidate for both ac and dc bridge measure-
ments. As shown in Figure 53, the bridge can be connected to
the inputs of the amplifier directly.
5V
2.5V
10µF
0.1µF
AD8222
+IN
–IN
RG
350Ω
350Ω
350Ω
350Ω
+
–
Figure 53. Precision Strain Gauge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com