Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8222ACPZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8222ACPZ-R7
Description  Precision, Dual-Channel Instrumentation Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8222ACPZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8222ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8222ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8222ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8222ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8222ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8222ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8222ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD8222ACPZ-R7 Datasheet HTML 19Page - Analog Devices AD8222ACPZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
Data Sheet
AD8222
Rev. B | Page 15 of 24
THEORY OF OPERATION
C1
C2
+VS
+IN
–IN
–VS
–VS
10kΩ
10kΩ
10kΩ
400Ω
400Ω
10kΩ
REF
OUTPUT
IB COMPENSATION
IB COMPENSATION
+VS
–VS
+VS
–VS
+VS
VB
II
R1 24.7kΩ
24.7kΩ
RG
Q1
R2
Q2
–VS
+VS
–VS
+VS
A2
A1
A3
Figure 45. Simplified Schematic
AMPLIFIER ARCHITECTURE
The two instrumentation amplifiers of the AD8222 are based
on the classic 3-op-amp topology. Figure 45 shows a simplified
schematic of one of the amplifiers. The input transistors, Q1
and Q2, are biased at a fixed current. Any differential input
signal forces the output voltages of A1 and A2 to change so that
the differential voltage also appears across RG. The current that
flows through RG must also flow through R1 and R2, resulting
in a precisely amplified version of the differential input signal
between the outputs of A1 and A2. Topologically, Q1 + A1 + R1
and Q2 + A2 + R2 can be viewed as precision current feedback
amplifiers. The common-mode signal and the amplified differen-
tial signal are applied to a difference amplifier that rejects the
common-mode voltage. The difference amplifier employs innova-
tions that result in low output offset voltage as well as low output
offset voltage drift.
Because the input amplifiers employ a current feedback architec-
ture, the gain-bandwidth product of the AD8222 increases
with gain, resulting in a system that does not suffer from the
expected bandwidth loss of voltage feedback architectures at
higher gains.
The transfer function of the AD8222 is
VOUT = G(V+IN − V−IN) + VREF
where:
G
R
G
kΩ
49.4
1 
GAIN SELECTION
Placing a resistor across the RG terminals sets the gain of the
AD8222, which can be calculated by referring to Table 8 or by
using the following gain equation:
1
kΩ
49.4
G
R
G
Table 8. Gains Achieved Using 1% Resistors
1% Standard Table Value of RG (Ω)
Calculated Gain
49.9 k
1.990
12.4 k
4.984
5.49 k
9.998
2.61 k
19.93
1.00 k
50.40
499
100.0
249
199.4
100
495.0
49.9
991.0
The AD8222 defaults to G = 1 when no gain resistor is used.
The tolerance and gain drift of the RG resistor should be added
to the AD8222 specifications to determine the total gain
accuracy of the system. When the gain resistor is not used,
gain error and gain drift are kept to a minimum.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com