Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8222ACPZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8222ACPZ-R7
Description  Precision, Dual-Channel Instrumentation Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8222ACPZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8222ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8222ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8222ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8222ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD8222ACPZ-R7 Datasheet HTML 19Page - Analog Devices AD8222ACPZ-R7 Datasheet HTML 20Page - Analog Devices AD8222ACPZ-R7 Datasheet HTML 21Page - Analog Devices AD8222ACPZ-R7 Datasheet HTML 22Page - Analog Devices AD8222ACPZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
AD8222
Data Sheet
Rev. B | Page 18 of 24
INPUT PROTECTION
All terminals of the AD8222 are protected against ESD (2 kV,
human body model). In addition, the input structure allows for
dc overload conditions of about 2.5 V beyond the supplies.
Input Voltages Beyond the Rails
For larger input voltages, an external resistor should be used in
series with each input to limit current during overload conditions.
The AD8222 can safely handle a continuous 6 mA current. The
limiting resistor can be computed from
Ω
400
mA
6
SUPPLY
IN
LIMIT
V
V
R
For applications in which the AD8222 encounters extreme over-
load voltages, such as cardiac defibrillators, external series
resistors and low leakage diode clamps, such as the BAV199L,
the FJH1100, or the SP720, should be used.
Differential Input Voltages at High Gains
When operating at high gain, large differential input voltages
can cause more than 6 mA of current to flow into the inputs.
This condition occurs when the differential voltage exceeds
the following critical voltage:
VCRITICAL = (400 + RG) × (6 mA)
This is true for differential voltages of either polarity.
The maximum allowed differential voltage can be increased by
adding an input protection resistor in series with each input.
The value of each protection resistor should be
RPROTECT = (VDIFF_MAX − VCRITICAL)/6 mA
RF INTERFERENCE
RF rectification is often a problem when amplifiers are used in
applications where there are strong RF signals. The disturbance
can appear as a small dc offset voltage. High frequency signals
can be filtered with a low-pass, RC network placed at the input
of the instrumentation amplifier, as shown in Figure 49. The
filter limits the input signal bandwidth according to the
following relationship:
)
(2
2
1
C
D
Diff
C
C
R
FilterFreq
C
CM
C
R
FilterFreq
2
1
where CD ≥ 10CC.
R
R
AD8222
+15V
+IN
–IN
0.1µF
10µF
10µF
0.1µF
REF
VOUT
–15V
R1
499Ω
CD
10nF
CC
1nF
CC
1nF
4.02kΩ
4.02kΩ
Figure 49. RFI Suppression
Figure 49 shows an example where the differential filter fre-
quency is approximately 2 kHz, and the common-mode filter
frequency is approximately 40 kHz.
Values of R and CC should be chosen to minimize RFI. Mismatch
between the R × CC at the positive input and the R × CC at
negative input degrades the CMRR of the AD8222. By using a
value of CD 10× larger than the value of CC, the effect of the
mismatch is reduced and performance is improved.
COMMON-MODE INPUT VOLTAGE RANGE
The 3-op-amp architecture of the AD8222 applies gain and then
removes the common-mode voltage. Therefore, internal nodes
in the AD8222 experience a combination of both the gained
signal and the common-mode signal. This combined signal can
be limited by the voltage supplies even when the individual
input and output signals are not. Figure 8 and Figure 9 show the
allowable common-mode input voltage ranges for various
output voltages, supply voltages, and gains.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com