Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8223AR-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8223AR-R7
Description  Single-Supply, Low Cost Instrumentation Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8223AR-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8223AR-R7 Datasheet HTML 8Page - Analog Devices AD8223AR-R7 Datasheet HTML 9Page - Analog Devices AD8223AR-R7 Datasheet HTML 10Page - Analog Devices AD8223AR-R7 Datasheet HTML 11Page - Analog Devices AD8223AR-R7 Datasheet HTML 12Page - Analog Devices AD8223AR-R7 Datasheet HTML 13Page - Analog Devices AD8223AR-R7 Datasheet HTML 14Page - Analog Devices AD8223AR-R7 Datasheet HTML 15Page - Analog Devices AD8223AR-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
AD8223
Rev. 0 | Page 11 of 20
70
–30
100
1M
FREQUENCY (Hz)
1k
10k
100k
60
50
40
30
20
10
0
–10
–20
G = 1000
G = 100
G = 10
G = 5
Figure 15. Gain vs. Frequency, +VS = +5 V
25
0
0.1
100
FREQUENCY (kHz)
110
20
15
10
5
±12V
±5V
±2.5V
Figure 16. Large Signal Frequency Response
0.04
0.20
214
SUPPLY VOLTAGE (±VS)
0.38
0.36
0.34
0.32
0.30
0.28
0.26
0.24
0.22
46
8
10
12
Figure 17. Slew Rate vs. Supply Voltage
4
–6
–6
6
MAXIMUM OUTPUT VOLTAGE (V)
3
2
1
0
–1
–2
–3
–4
–5
–4
–2
0
2
4
±VS = ±5V
±VS = ±2.5V
+VS = +5V
Figure 18. Common-Mode Input vs. Maximum Output Voltage,
G = 5, Small Supplies
15
–15
–15
15
MAXIMUM OUTPUT VOLTAGE (V)
10
5
0
–5
–10
–10
–5
0
5
10
Figure 19. Common-Mode Input vs. Maximum Output Voltage,
G = 5, ±VS = ±12 V
4
–6
–6
6
MAXIMUM OUTPUT VOLTAGE (V)
3
2
1
0
–1
–2
–3
–4
–5
–4
–2
0
2
4
±VS = ±5V
±VS = ±2.5V
+VS = +5V
Figure 20. Common-Mode Input vs. Maximum Output Voltage,
G = 100, Small Supplies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com