Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8223AR-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8223AR-R7
Description  Single-Supply, Low Cost Instrumentation Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8223AR-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8223AR-R7 Datasheet HTML 11Page - Analog Devices AD8223AR-R7 Datasheet HTML 12Page - Analog Devices AD8223AR-R7 Datasheet HTML 13Page - Analog Devices AD8223AR-R7 Datasheet HTML 14Page - Analog Devices AD8223AR-R7 Datasheet HTML 15Page - Analog Devices AD8223AR-R7 Datasheet HTML 16Page - Analog Devices AD8223AR-R7 Datasheet HTML 17Page - Analog Devices AD8223AR-R7 Datasheet HTML 18Page - Analog Devices AD8223AR-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
AD8223
Rev. 0 | Page 14 of 20
THEORY OF OPERATION
AMPLIFIER ARCHITECTURE
The AD8223 is an instrumentation amplifier based on a
classic 3-op amp approach, modified to ensure operation
even at common-mode voltages at the negative supply rail.
The architecture allows lower voltage offsets, better CMRR,
and higher gain accuracy than competing instrumentation
amplifiers in its class.
8kΩ
10kΩ
50kΩ
POSITIVE SUPPLY
7
INVERTING
2
1
4
8kΩ
10kΩ
50kΩ
8
4
NEGATIVE SUPPLY
NON-
INVERTING
3
7
GAIN
OUT
6
REF
5
+
–
+
–
Figure 31. Simplified Schematic
Figure 31 shows a simplified schematic of the AD8223. The
AD8223 has three stages. In the first stage, the input signal is
applied to PNP transistors. These PNP transistors act as voltage
buffers and allow input voltages below ground. The second
stage consists of a pair of 8 kΩ resistors, the RG resistor, and a
pair of amplifiers. This stage allows the amplification of the
AD8223 to be set with a single external resistor. The third stage
is a differential amplifier composed of an op amp, two 10 kΩ
resistors, and two 50 kΩ resistors. This stage removes the
common-mode signal and applies an additional gain of 5.
The transfer function of the AD8223 is
VOUT = G(VIN+ − VIN−) + VREF
where:
G
R
G
kΩ
0
8
5 
GAIN SELECTION
Placing a resistor across the RG terminals sets the gain of the
AD8223, which can be calculated by referring to Table 7 or by
using the following gain equation:
5
kΩ
80
G
R
G
Table 7. Gains Achieved Using 1% Resistors
1% Standard Table
Value of RG (Ω)
Desired Gain
Calculated Gain
26.7 k
8
7.99
15.8 k
10
10.1
5.36 k
20
19.9
2.26 k
40
40.4
1.78 k
50
49.9
845
100
99.7
412
200
199
162
500
499
80.6
1000
998
The AD8223 defaults to G = 5 when no gain resistor is used. Add
the tolerance and gain drift of the RG resistor to the specifications
of the AD8223 to determine the total gain accuracy of the system.
When the gain resistor is not used, gain depends only on
internal resistor matching, so gain error and gain drift are
minimal.
INPUT VOLTAGE RANGE
The 3-op amp architecture of the AD8223 applies gain and then
removes the common-mode voltage. Therefore, internal nodes
in the AD8223 experience a combination of both the gained
signal and the common-mode signal. This combined signal can
be limited by the voltage supplies even when the individual input
and output signals are not. To determine whether the signal can be
limited, refer to Figure 18 through Figure 21. Alternatively, use
the parameters in the Specifications section to verify that the input
and output are not limited and then use the following formula to
make sure the internal nodes are not limited.
To check if it is limited by the internal nodes,
V
1
.
0
10
6
.
0
V
01
.
0
S
DIFF
CM
S
V
Gain
V
V
V
If more common-mode range is required, a solution is to apply less
gain in the instrumentation amplifier and more in a later stage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com