Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8223AR-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8223AR-R7
Description  Single-Supply, Low Cost Instrumentation Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8223AR-R7 Datasheet(HTML) 1 Page - Analog Devices

  AD8223AR-R7 Datasheet HTML 1Page - Analog Devices AD8223AR-R7 Datasheet HTML 2Page - Analog Devices AD8223AR-R7 Datasheet HTML 3Page - Analog Devices AD8223AR-R7 Datasheet HTML 4Page - Analog Devices AD8223AR-R7 Datasheet HTML 5Page - Analog Devices AD8223AR-R7 Datasheet HTML 6Page - Analog Devices AD8223AR-R7 Datasheet HTML 7Page - Analog Devices AD8223AR-R7 Datasheet HTML 8Page - Analog Devices AD8223AR-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Single-Supply, Low Cost
Instrumentation Amplifier
AD8223
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
FEATURES
Gain set with 1 resistor
Gain = 5 to 1000
Inputs
Voltage range to 150 mV below negative rail
25 nA maximum input bias current
30 nV/√Hz, RTI noise @ 1 kHz
Power supplies
Dual supply: ±2 V to ±12 V
Single supply: 3 V to 24 V
500 μA maximum supply current
APPLICATIONS
Low power medical instrumentation
Transducer interface
Thermocouple amplifiers
Industrial process controls
Difference amplifiers
Low power data acquisition
CONNECTION DIAGRAM
–RG 1
–IN
2
+IN
3
–VS 4
+RG
8
+VS
7
OUT
6
REF
5
–
+
AD8223
Figure 1. 8-Lead SOIC (R) and 8-Lead MSOP (RM) Packages
Table 1. Instrumentation Amplifiers by Category
General-
Purpose
Zero Drift
Mil
Grade
Low
Power
High Voltage
PGA
AD82201
AD82311
AD620
AD6271
AD8250
AD8221
AD85531
AD621
AD6231
AD8251
AD8222
AD85551
AD524
AD8223
AD8253
AD82241
AD85561
AD526
AD8228
AD85571
AD624
1 Rail-to-rail output.
GENERAL DESCRIPTION
The AD8223 is an integrated single-supply instrumentation
amplifier that delivers rail-to-rail output swing on a single
supply (3 V to 24 V). The AD8223 conforms to the 8-lead
industry standard pinout configuration.
The AD8223 is simple to use: one resistor sets the gain. With no
external resistor, the AD8223 is configured for G = 5. With an
external resistor, the AD8223 can be programmed for gains up
to 1000.
The AD8223 has a wide input common-mode range and can
amplify signals that have a 150 mV common-mode voltage
below ground. Although the design of the AD8223 is optimized
to operate from a single supply, the AD8223 still provides
excellent performance when operated from a dual voltage
supply (±2 V to ±12 V).
Low power consumption (1.5 mW at 3 V), wide supply voltage
range, and rail-to-rail output swing make the AD8223 ideal for
battery-powered applications. The rail-to-rail output stage
maximizes the dynamic range when operating from low supply
voltages. The AD8223 replaces discrete instrumentation
amplifier designs and offers superior linearity, temperature
stability, and reliability in a minimum of space.


Similar Part No. - AD8223AR-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8223AR-R7 AD-AD8223AR-R7 Datasheet
420Kb / 20P
Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
Rev. PrA
More results

Similar Description - AD8223AR-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD622 AD-AD622 Datasheet
151Kb / 11P
Low Cost Instrumentation Amplifier
AD623 AD-AD623 Datasheet
965Kb / 16P
Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
REV.C
logo
National Semiconductor ...
LH0037C NSC-LH0037C Datasheet
201Kb / 3P
Low cost Instrumentation Amplifier
logo
Analog Devices
AD8223 AD-AD8223 Datasheet
420Kb / 20P
Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
Rev. PrA
AD622 AD-AD622_1 Datasheet
395Kb / 16P
Low Cost Instrumentation Amplifier
REV. D
AD623AN AD-AD623AN Datasheet
1Mb / 24P
Single-Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
REV. D
AD622 AD-AD622_15 Datasheet
491Kb / 17P
Low Cost Instrumentation Amplifier
Rev. E
AD623 AD-AD623_15 Datasheet
1Mb / 24P
Single-Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
REV. D
AD622 AD-AD622_16 Datasheet
348Kb / 17P
Low Cost Instrumentation Amplifier
Rev. E
AD623 AD-AD623_16 Datasheet
1Mb / 27P
Single and Dual-Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com