Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8223AR-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8223AR-R7
Description  Single-Supply, Low Cost Instrumentation Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8223AR-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8223AR-R7 Datasheet HTML 10Page - Analog Devices AD8223AR-R7 Datasheet HTML 11Page - Analog Devices AD8223AR-R7 Datasheet HTML 12Page - Analog Devices AD8223AR-R7 Datasheet HTML 13Page - Analog Devices AD8223AR-R7 Datasheet HTML 14Page - Analog Devices AD8223AR-R7 Datasheet HTML 15Page - Analog Devices AD8223AR-R7 Datasheet HTML 16Page - Analog Devices AD8223AR-R7 Datasheet HTML 17Page - Analog Devices AD8223AR-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
AD8223
Rev. 0 | Page 13 of 20
100µs/DIV
0.1%/DIV
5V/DIV
Figure 27. Large Signal Pulse Response, G = 1000, CL = 100 pF
2
G = 100
G = 5
G = 10
10µs/DIV
20mV/DIV
Figure 28. Small Signal Pulse Response, G = 5, 10, 100; RL = 10 kΩ
2
100µs/DIV
20mV/DIV
Figure 29. Small Signal Pulse Response, G = 1000, RL = 25 kΩ, CL = 100 pF
0.01
0.1
1
10
OUTPUT CURRENT (mA)
–VS
+1
+2
–2
–1
+VS
SOURCING
SINKING
Figure 30. Output Voltage Swing vs. Output Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com