Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8223AR-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8223AR-R7
Description  Single-Supply, Low Cost Instrumentation Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8223AR-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8223AR-R7 Datasheet HTML 13Page - Analog Devices AD8223AR-R7 Datasheet HTML 14Page - Analog Devices AD8223AR-R7 Datasheet HTML 15Page - Analog Devices AD8223AR-R7 Datasheet HTML 16Page - Analog Devices AD8223AR-R7 Datasheet HTML 17Page - Analog Devices AD8223AR-R7 Datasheet HTML 18Page - Analog Devices AD8223AR-R7 Datasheet HTML 19Page - Analog Devices AD8223AR-R7 Datasheet HTML 20Page - Analog Devices AD8223AR-R7 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
AD8223
Rev. 0 | Page 17 of 20
APPLICATIONS INFORMATION
+2V TO +12V
REF (INPUT)
–2V TO –12V
REF
OUTPUT
+3V TO +24V
+
–
+
–
+VS
10µF
0.1µF
10µF
0.1µF
10µF
0.1µF
+
+
VOUT
+
RG
RG
RG
VIN
–VS
REF (INPUT)
REF
OUTPUT
+VS
VOUT
RG
RG
RG
VIN
A. DUAL SUPPLY
B. SINGLE SUPPLY
Figure 36. Basic Connections
BASIC CONNECTION
Figure 36 shows the basic connection circuit for the AD8223.
The +VS and −VS terminals are connected to the power supply.
The supply can be either bipolar (VS = ±2 V to ±12 V) or single
supply (−VS = 0 V, +VS = +3 V to +24 V). Power supplies should
be capacitively decoupled close to the power pins of the device.
For best results, use surface-mount 0.1 μF ceramic chip capacitors
and 10 μF electrolytic tantalum capacitors.
The input voltage, which can be either single-ended (tie either
−IN or +IN to ground) or differential, is amplified by the
programmed gain. The output signal appears as the voltage
difference between the output pin and the externally applied
voltage on the REF input.
DIFFERENTIAL OUTPUT
Figure 37 shows how to create a differential output in-amp. An
OP1177 op amp creates the inverted output. Because the op
amp drives the AD8223 reference pin, the AD8223 can still
ensure that the differential voltage is correct. Errors from the
op amp or mismatched resistors are common to both outputs
and are thus common mode. These common-mode errors
should be rejected by the next device in the signal chain.
+IN
–IN
REF
AD8223
VREF
20kΩ
+
–
OP1177
+OUT
–OUT
20kΩ
Figure 37. Differential Output Using Op Amp
OUTPUT BUFFERING
The AD8223 is designed to drive loads of 10 kΩ or greater. If
the load is less than this value, buffer the AD8223 output with a
precision single-supply op amp such as the OP113. This op amp
can swing from 0 V to 4 V on its output while driving a load as
small as 600 Ω.
5V
AD8223
REF
OP113
5V
VOUT
+
–
0.1µF
0.1µF
+
–
VIN
RG
Figure 38. Output Buffering
CABLES
Receiving from a Cable
In many applications, shielded cables are used to minimize
noise; for best CMR over frequency, the shield should be
properly driven. Figure 39 shows an active guard drive that
is configured to improve ac common-mode rejection by
bootstrapping the capacitances of input cable shields, thus
minimizing the capacitance mismatch between the inputs.
RG
2
–INPUT
+INPUT
100Ω
AD8223
AD8031
REFERENCE
VOUT
RG
2
+VS
–VS
2
7
6
5
4
1
8
3
Figure 39. Common-Mode Shield Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com