Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8227BRZ-R71 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8227BRZ-R71
Description  Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8227BRZ-R71 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8227BRZ-R71 Datasheet HTML 7Page - Analog Devices AD8227BRZ-R71 Datasheet HTML 8Page - Analog Devices AD8227BRZ-R71 Datasheet HTML 9Page - Analog Devices AD8227BRZ-R71 Datasheet HTML 10Page - Analog Devices AD8227BRZ-R71 Datasheet HTML 11Page - Analog Devices AD8227BRZ-R71 Datasheet HTML 12Page - Analog Devices AD8227BRZ-R71 Datasheet HTML 13Page - Analog Devices AD8227BRZ-R71 Datasheet HTML 14Page - Analog Devices AD8227BRZ-R71 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
AD8227
Rev. 0 | Page 10 of 24
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
OUTPUT VOLTAGE (V)
+0.02V, –0.3V
+0.02V, –0.15V
+0.02V, +1.35V
+0.02V, +1.5V
VREF = 0V
VREF = 1.35V
+1.35V, –0.3V
+2.67V, –0.15V
+2.7V, 0V
+2.67V, +1.2V
+2.7V, +1.1V
Figure 9. Input Common-Mode Voltage vs. Output Voltage,
Single Supply, Vs = 2.7 V, G = 5
5
4
3
2
1
0
–1
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
OUTPUT VOLTAGE (V)
+0.02V, –0.3V
+0.01V, –0.05V
+0.02V, +4V
+0.02V, +4.25V
+2.5V, –0.3V
+4.96V, –0.05V
+4.96V, +0.2V
+4.96V, +3.75V
+4.96V, +3.5V
VREF = 0V
VREF = 2.5V
Figure 10. Input Common-Mode Voltage vs. Output Voltage,
Single Supply, Vs = 5 V, G = 5
6
4
2
0
–2
–4
–6
–6
–4
–2
0
2
4
6
OUTPUT VOLTAGE (V)
–4.98V, +3.7V
0V, +4.2V
0V, –5.3V
–4.97V, –4.8V
+4.96V, +3.7V
+4.96V, –4.8V
Figure 11. Input Common-Mode Voltage vs. Output Voltage,
Dual Supply, Vs = ±5 V, G = 5
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
OUTPUT VOLTAGE (V)
+0.02V, –0.25V
+0.02V, +1.35V
+0.02V, +1.5V
+1.35V, –0.3V
+0.02V, –0.3V
+2.67V, –0.25V
+2.67V, –0.25V
+2.67V, +1.2V
+2.67V, +1.1V
VREF = 0V
VREF = 1.35V
Figure 12. Input Common-Mode Voltage vs. Output Voltage,
Single Supply, Vs = 2.7 V, G = 100
5
4
3
2
1
0
–1
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
OUTPUT VOLTAGE (V)
+0.02V, +4.25V
+0.02V, +4V
+4.96V, +3.75V
+4.96V, +3.5V
+4.96V, –0.25V
+4.96V, –0.2V
+0.02V, –0.3V
+0.02V, –0.25V
+2.5V, –0.3V
VREF = 0V
VREF = 2.5V
Figure 13. Input Common-Mode Voltage vs. Output Voltage,
Single Supply, Vs = 5 V, G = 100
6
4
2
0
–2
–4
–6
–6
–4
–2
024
6
OUTPUT VOLTAGE (V)
–4.96V, +3.75V
0V, +4.2V
0V, –5.3V
–4.96V, –5.1V
+4.96V, +3.25V
+4.96V, –5.1V
Figure 14. Input Common-Mode Voltage vs. Output Voltage,
Dual Supply, Vs = ±5 V, G = 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com