Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8227BRZ-R71 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8227BRZ-R71
Description  Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8227BRZ-R71 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8227BRZ-R71 Datasheet HTML 13Page - Analog Devices AD8227BRZ-R71 Datasheet HTML 14Page - Analog Devices AD8227BRZ-R71 Datasheet HTML 15Page - Analog Devices AD8227BRZ-R71 Datasheet HTML 16Page - Analog Devices AD8227BRZ-R71 Datasheet HTML 17Page - Analog Devices AD8227BRZ-R71 Datasheet HTML 18Page - Analog Devices AD8227BRZ-R71 Datasheet HTML 19Page - Analog Devices AD8227BRZ-R71 Datasheet HTML 20Page - Analog Devices AD8227BRZ-R71 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
AD8227
Rev. 0 | Page 16 of
24
1s/DIV
1.5pA/DIV
Figure 45. 0.1 Hz to 10 Hz Current Noise
5V/DIV
13.8µs TO 0.01%
16.8µs TO 0.001%
0.002%/DIV
40µs/DIV
30
25
20
15
10
5
0
100
1k
10k
100k
1M
FREQUENCY (Hz)
Figure 46. Large-Signal Frequency Response
13.4µs TO 0.01%
16.6µs TO 0.001%
5V/DIV
40µs/DIV
0.002%/DIV
Figure 47. Large-Signal Pulse Response and Settling Time, G = 5,
10 V Step, VS = ±15 V
Figure 48. Large-Signal Pulse Response and Settling Time, G = 10,
10 V Step, VS = ±15 V
5V/DIV
35µs TO 0.01%
50µs TO 0.001%
0.002%/DIV
40µs/DIV
Figure 49. Large-Signal Pulse Response and Settling Time, G = 100,
10 V Step, VS = ±15 V
5V/DIV
275µs TO 0.01%
350µs TO 0.001%
0.002%/DIV
200µs/DIV
Figure 50. Large-Signal Pulse Response and Settling Time, G = 1000,
10 V Step, VS = ±15 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com