Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8227BRZ-R71 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8227BRZ-R71
Description  Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8227BRZ-R71 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8227BRZ-R71 Datasheet HTML 16Page - Analog Devices AD8227BRZ-R71 Datasheet HTML 17Page - Analog Devices AD8227BRZ-R71 Datasheet HTML 18Page - Analog Devices AD8227BRZ-R71 Datasheet HTML 19Page - Analog Devices AD8227BRZ-R71 Datasheet HTML 20Page - Analog Devices AD8227BRZ-R71 Datasheet HTML 21Page - Analog Devices AD8227BRZ-R71 Datasheet HTML 22Page - Analog Devices AD8227BRZ-R71 Datasheet HTML 23Page - Analog Devices AD8227BRZ-R71 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
AD8227
Rev. 0 | Page 19 of
24
THEORY OF OPERATION
A3
R2
8kΩ
R1
8kΩ
A1
A2
Q2
Q1
–IN
+IN
+VS
–VS
R3
50kΩ
R4
10kΩ
R5
10kΩ
RB
RB
+VS
–VS
VOUT
REF
NODE 1
NODE 2
RG
+VS
–VS
VBIAS
+VS
–VS
NODE 4
NODE 3
R6
50kΩ
DIFFERENCE
AMPLIFIER STAGE
GAIN STAGE
ESD AND
OVERVOLTAGE
PROTECTION
ESD AND
OVERVOLTAGE
PROTECTION
–VS
Figure 58. Simplified Schematic
ARCHITECTURE
The AD8227 is based on the classic three op amp topology. This
topology has two stages: a preamplifier to provide differential
amplification followed by a difference amplifier that removes
the common-mode voltage and provides additional amplifica-
tion. Figure 58 shows a simplified schematic of the AD8227.
The first stage works as follows. To maintain a constant voltage
across the bias resistor, RB, Amplifier A1 must keep Node 3 at a
constant diode drop above the positive input voltage. Similarly,
Amplifier A2 keeps Node 4 at a constant diode drop above the
negative input voltage. Therefore, a replica of the differential
input voltage is placed across the gain setting resistor, RG. The
current that flows across this resistance must also flow through
the R1 and R2 resistors, creating a gained differential signal
between the A2 and A1 outputs. Note that, in addition to a
gained differential signal, the original common-mode signal,
shifted a diode drop up, is also still present.
The second stage is a difference amplifier, composed of
Amplifier A3 and the R3 through R6 resistors. This stage
removes the common-mode signal from the amplified
differential signal and gains it by 5.
The transfer function of the AD8227 is
VOUT = G × (VIN+ − VIN−) + VREF
where:
G
R
G
80
5 +
=
GAIN SELECTION
Placing a resistor across the RG terminals sets the gain of the
AD8227. The gain can be calculated by referring to Table 7 or
by using the following gain equation:
5
80
=
G
R
G
Table 7. Gains Achieved Using Common Resistor Values
Standard Table Value of RG
Calculated Gain
No resistor
5
100 kΩ
5.8
49.9 kΩ
6.6
26.7 kΩ
8
20 kΩ
9
16 kΩ
10
10 kΩ
13
5.36 kΩ
19.9
2 kΩ
45
1.78 kΩ
49.9
1 kΩ
85
845 Ω
99.7
412 Ω
199
162 Ω
499
80.6 Ω
998
The AD8227 defaults to G = 5 when no gain resistor is used.
The tolerance and gain drift of the RG resistor should be added
to the specifications of the AD8227 to determine the total gain
accuracy of the system. When the gain resistor is not used, gain
error and gain drift are minimal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com